Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICM515NB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. ICM515NB
Description  Color CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ICM515NB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ICM515NB 574x483 Pixel CMOS NTSC Sensor
Data Sheet V1.0 November 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
1/17/2003
page 3
Company Confidential
Exposure Time: 63.5
µs (@ 60 fps, 1 line), (33.27 ms for 524 lines)
Sensitivity: 1.0 V/lux-sec (555 nm)
Quantum Efficiency: 38% (555 nm)
Dynamic Range: 57 dB (analog), 54 dB (digital)
Digital Gain: 1/32 ~ 8X for all pixels adjust step: 0.032X
Fill Factor: 28%
RGB Gain: 11 bits format 3.8(default), 1/256 to 8 for individual color pattern pixels, AWB can adjust in 0.016X
step
S/N Ratio: 40 dB @ 75% full signal level
Sensitive to infrared illumination source
Power Supply: 3.3 V
Power Requirement: 60 mA
Package: Small Plastic LCC48


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn