Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WNM5002 Datasheet(PDF) 3 Page - Will Semiconductor Ltd.

Part # WNM5002
Description  Small Signal N-Channel, 50V, 0.50A, MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNM5002 Datasheet(HTML) 3 Page - Will Semiconductor Ltd.

  WNM5002 Datasheet HTML 1Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 2Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 3Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 4Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 5Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 6Page - Will Semiconductor Ltd. WNM5002 Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WNM5002
Will Semiconductor Ltd.
3
2015/04/24 – Rev.1.0
Electronics Characteristics (Ta=25oC, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown
Voltage
BVDSS
VGS = 0V, ID = 250uA
50
V
Zero Gate Voltage Drain Current
IDSS
VDS = 50V, VGS = 0V
1
uA
Gate-to-source Leakage Current
IGSS
VDS = 0 V, VGS =±20V
±
5
uA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID =250uA
0.8
1.0
1.5
V
Drain-to-source On-resistance b, c
RDS(on)
VGS =10V, ID =0.45A
1.3
3
VGS =4.5V, ID = 0.25A
1.4
4
VGS =4.0V, ID = 0.25A
1.5
4
VGS =2.5V, ID = 0.01A
2.1
6
Forward Trans conductance
gfs
VDS = 15V, ID =0.1A
0.5
S
CAPACITANCES, CHARGES
Input Capacitance
CISS
VGS = 0 V,
F = 1.0 MHz,
VDS = 5 V
36
pF
Output Capacitance
COSS
22
Reverse Transfer Capacitance
CRSS
12
Total Gate Charge
QG(TOT)
VGS = 10 V,
VDD = 30 V,
ID = 0.1 A
1.6
nC
Threshold Gate Charge
QG(TH)
0.25
Gate-to-Source Charge
QGS
0.4
Gate-to-Drain Charge
QGD
0.45
SWITCHING CHARACTERISTICS
Turn-On Delay Time
td(ON)
VGS = 5 V,
VDD = 5 V,
RL=500 Ω,
RG=10 Ω,
ID =10m A
8.6
ns
Rise Time
tr
4
Turn-Off Delay Time
td(OFF)
23.8
Fall Time
tf
14.2
BODY DIODE CHARACTERISTICS
Forward Voltage
VSD
VGS = 0 V, IS = 0.25A
0.8
1.5
V


Similar Part No. - WNM5002

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNM01N10 WILLSEMI-WNM01N10 Datasheet
1Mb / 8P
   Single N-Channel, 100V, 1.7A, Power MOSFET
WNM01N10-3/TR WILLSEMI-WNM01N10-3/TR Datasheet
1Mb / 8P
   Single N-Channel, 100V, 1.7A, Power MOSFET
WNM01N11 WILLSEMI-WNM01N11 Datasheet
1Mb / 8P
   Single N-Channel, 110V, 1.8A, Power MOSFET
WNM01N11-6/TR WILLSEMI-WNM01N11-6/TR Datasheet
1Mb / 8P
   Single N-Channel, 110V, 1.8A, Power MOSFET
WNM2016 WILLSEMI-WNM2016 Datasheet
851Kb / 7P
   N-Channel, 20V, 3.2A, Power MOSFET
More results

Similar Description - WNM5002

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNM3013 WILLSEMI-WNM3013 Datasheet
1Mb / 8P
   Small Signal N-Channel, 50V, 0.25A, MOSFET
WNM3018 WILLSEMI-WNM3018 Datasheet
2Mb / 8P
   Small Signal N-Channel, 50V, 0.2A, MOSFET
WNM3019 WILLSEMI-WNM3019 Datasheet
1Mb / 8P
   Small Signal N-Channel, 50V, 0.2A, MOSFET
logo
Fairchild Semiconductor
2N7002MTF FAIRCHILD-2N7002MTF_01 Datasheet
116Kb / 5P
   N-Channel Small Signal MOSFET
logo
Weitron Technology
2N7002 WEITRON-2N7002 Datasheet
473Kb / 4P
   Small Signal MOSFET N-Channel
logo
Stanson Technology
2N7002 STANSON-2N7002 Datasheet
172Kb / 2P
   N Channel Small Signal MOSFET
logo
ON Semiconductor
3LN01C ONSEMI-3LN01C Datasheet
259Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
5LN01M ONSEMI-5LN01M Datasheet
259Kb / 6P
   N-Channel Small Signal MOSFET
July, 2013
logo
Weitron Technology
2N7000 WEITRON-2N7000 Datasheet
173Kb / 4P
   Small Signal MOSFET N-Channel
logo
ON Semiconductor
3LN01S ONSEMI-3LN01S Datasheet
262Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com