Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28409ZCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28409ZCT
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28409ZCT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28409ZCT Datasheet HTML 3Page - Cypress Semiconductor CY28409ZCT Datasheet HTML 4Page - Cypress Semiconductor CY28409ZCT Datasheet HTML 5Page - Cypress Semiconductor CY28409ZCT Datasheet HTML 6Page - Cypress Semiconductor CY28409ZCT Datasheet HTML 7Page - Cypress Semiconductor CY28409ZCT Datasheet HTML 8Page - Cypress Semiconductor CY28409ZCT Datasheet HTML 9Page - Cypress Semiconductor CY28409ZCT Datasheet HTML 10Page - Cypress Semiconductor CY28409ZCT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CY28409
Document #: 38-07445 Rev. *B
Page 7 of 18
Crystal Recommendations
The CY28409 requires a Parallel Resonance Crystal.
Substituting a series resonance crystal will cause the
CY28409 to operate at the wrong frequency and violate the
ppm specification. For most applications there is a 300-ppm
frequency shift between series and parallel crystals due to
incorrect loading.
Crystal Loading
Crystal loading plays a critical role in achieving low ppm perfor-
mance. To realize low ppm performance, the total capacitance
the crystal will see must be considered to calculate the appro-
priate capacitive loading (CL).
Byte 6: Control Register 6
Bit
@Pup
Name
Description
7
0
Reserved
Reserved, Set = 0
6
0
Reserved
Reserved, Set = 0
5
0
CPUC0, CPUT0
CPUC1, CPUT1
CPUC2, CPUT2
FS_A & FS_B Operation
0 = Normal, 1 = Test mode
4
0
SRCT, SRCC
SRC Frequency Select
0 = 100Mhz, 1 = 200MHz
30
PCIF
PCI
3V66
SRCT,SRCC
CPUT_ITP,CPUC_ITP
Spread Spectrum Mode
0 = down (default), 1 = center
20
PCIF
PCI
3V66
SRCT,SRCC
CPUT_ITP,CPUC_ITP
Spread Spectrum Enable
0 = Spread Off, 1 = Spread On
1
1
REF_1
REF_1 Output Enable
0 = Disabled, 1 = Enabled
0
1
REF_0
REF_0 Output Enable
0 = Disabled, 1 = Enabled
Byte 7: Vendor ID
Bit
@Pup
Name
Description
7
0
Revision ID Bit 3
Revision ID Bit 3
6
1
Revision ID Bit 2
Revision ID Bit 2
5
0
Revision ID Bit 1
Revision ID Bit 1
4
0
Revision ID Bit 0
Revision ID Bit 0
3
1
Vendor ID Bit 3
Vendor ID Bit 3
2
0
Vendor ID Bit 2
Vendor ID Bit 2
1
0
Vendor ID Bit 1
Vendor ID Bit 1
0
0
Vendor ID Bit 0
Vendor ID Bit 0
Table 6. Crystal Recommendations
Frequency
(Fund)
Cut
Loading Load Cap
Drive
(max.)
Shunt Cap
(max.)
Motional
(max.)
Tolerance
(max.)
Stability
(max.)
Aging
(max.)
14.31818 MHz
AT
Parallel
20 pF
0.1 mW
5 pF
0.016 pF
50 ppm
50 ppm
5 ppm


Similar Part No. - CY28409ZCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28409ZCT SPECTRALINEAR-CY28409ZCT Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409ZCT CYPRESS-CY28409ZCT Datasheet
345Kb / 17P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results

Similar Description - CY28409ZCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28419 CYPRESS-CY28419 Datasheet
275Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28419 SPECTRALINEAR-CY28419 Datasheet
207Kb / 15P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28405-3 SPECTRALINEAR-CY28405-3 Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28409 SPECTRALINEAR-CY28409 Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409_06 Datasheet
345Kb / 17P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com