Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4385-DQZ Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4385-DQZ
Description  114 dB, 192kHz 8-CHANNEL D/A CONVERTER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4385-DQZ Datasheet(HTML) 3 Page - Cirrus Logic

  CS4385-DQZ Datasheet HTML 1Page - Cirrus Logic CS4385-DQZ Datasheet HTML 2Page - Cirrus Logic CS4385-DQZ Datasheet HTML 3Page - Cirrus Logic CS4385-DQZ Datasheet HTML 4Page - Cirrus Logic CS4385-DQZ Datasheet HTML 5Page - Cirrus Logic CS4385-DQZ Datasheet HTML 6Page - Cirrus Logic CS4385-DQZ Datasheet HTML 7Page - Cirrus Logic CS4385-DQZ Datasheet HTML 8Page - Cirrus Logic CS4385-DQZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
CS4385
DS671A1
3
LIST OF FIGURES
Figure 1. Serial Audio Interface Timing.........................................................................................12
Figure 2. TDM Serial Audio Interface Timing ................................................................................ 12
Figure 3. Direct Stream Digital - Serial Audio Input Timing........................................................... 13
Figure 4. Direct Stream Digital - Serial Audio Input Timing for Phase Modulation mode.............. 13
Figure 5. Control Port Timing - I2C Format ................................................................................... 14
Figure 6. Control Port Timing - SPI Format................................................................................... 15
Figure 7. Typical Connection Diagram, Software Mode................................................................ 16
Figure 8. Typical Connection Diagram, Hardware ........................................................................ 17
Figure 9. Format 0 - Left Justified up to 24-bit Data...................................................................... 20
Figure 10. Format 1 - I2S up to 24-bit Data................................................................................... 20
Figure 11. Format 2 - Right Justified 16-bit Data .......................................................................... 20
Figure 12. Format 3 - Right Justified 24-bit Data .......................................................................... 20
Figure 13. Format 4 - Right Justified 20-bit Data .......................................................................... 21
Figure 14. Format 5 - Right Justified 18-bit Data .......................................................................... 21
Figure 15. Format 8 - One Line Mode 1........................................................................................ 21
Figure 16. Format 9 - One Line Mode 2........................................................................................ 22
Figure 17. Format 10 - One Line Mode 3...................................................................................... 22
Figure 18. Format 11 - One Line Mode 4...................................................................................... 22
Figure 19. Format 12 - TDM Mode................................................................................................ 23
Figure 20. De-Emphasis Curve..................................................................................................... 24
Figure 21. ATAPI Block Diagram (x = channel pair 1, 2, 3, or 4) .................................................. 25
Figure 22. DSD phase modulation mode diagram ........................................................................ 26
Figure 23. Full-Scale Output ......................................................................................................... 27
Figure 24. Recommended Output Filter........................................................................................ 28
Figure 25. Recommended Mute Circuitry ..................................................................................... 29
Figure 26. Control Port Timing, I2C Mode..................................................................................... 32
Figure 27. Control Port Timing, SPI mode .................................................................................... 33
Figure 28. Single Speed (fast) Stopband Rejection ...................................................................... 51
Figure 29. Single Speed (fast) Transition Band ............................................................................ 51
Figure 30. Single Speed (fast) Transition Band (detail) ................................................................ 51
Figure 31. Single Speed (fast) Passband Ripple .......................................................................... 51
Figure 32. Single Speed (slow) Stopband Rejection..................................................................... 51
Figure 33. Single Speed (slow) Transition Band........................................................................... 51
Figure 34. Single Speed (slow) Transition Band (detail)............................................................... 52
Figure 35. Single Speed (slow) Passband Ripple......................................................................... 52
Figure 36. Double Speed (fast) Stopband Rejection..................................................................... 52
Figure 37. Double Speed (fast) Transition Band........................................................................... 52
Figure 38. Double Speed (fast) Transition Band (detail)............................................................... 52
Figure 39. Double Speed (fast) Passband Ripple......................................................................... 52
Figure 40. Double Speed (slow) Stopband Rejection ................................................................... 53
Figure 41. Double Speed (slow) Transition Band ......................................................................... 53
Figure 42. Double Speed (slow) Transition Band (detail) ............................................................. 53
Figure 43. Double Speed (slow) Passband Ripple ....................................................................... 53
Figure 44. Quad Speed (fast) Stopband Rejection ....................................................................... 53
Figure 45. Quad Speed (fast) Transition Band ............................................................................. 53
Figure 46. Quad Speed (fast) Transition Band (detail) ................................................................. 54
Figure 47. Quad Speed (fast) Passband Ripple ........................................................................... 54
Figure 48. Quad Speed (slow) Stopband Rejection...................................................................... 54
Figure 49. Quad Speed (slow) Transition Band ............................................................................ 54
Figure 50. Quad Speed (slow) Transition Band (detail) ................................................................ 54
Figure 51. Quad Speed (slow) Passband Ripple .......................................................................... 54


Similar Part No. - CS4385-DQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4385-DQZ CIRRUS-CS4385-DQZ Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385-DQZR CIRRUS-CS4385-DQZR Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results

Similar Description - CS4385-DQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com