Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZTA42 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZTA42
Description  SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CZTA42
CZTA92
UNITS
Collector-Base Voltage
VCBO
300
300
V
Collector-Emitter Voltage
VCEO
300
300
V
Emitter-Base Voltage
VEBO
6.0
5.0
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
2.0
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CZTA42
CZTA92
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=200V
100
250
nA
IEBO
VBE=6.0V
100
-
nA
IEBO
VBE=3.0V
-
100
nA
BVCBO
IC=100µA
300
300
V
BVCEO
IC=1.0mA
300
300
V
BVEBO
IE=100µA
6.0
5.0
V
VCE(SAT)
IC=20mA, IB=2.0mA
0.5
0.5
V
VBE(SAT)
IC=20mA, IB=2.0mA
0.9
0.9
V
hFE
VCE=10V, IC=1.0mA
25
25
hFE
VCE=10V, IC=10mA
40
40
hFE
VCE=10V, IC=30mA
40
25
fT
VCE=20V, IC=10mA, f=100MHz
50
50
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
3.0
6.0
pF
CZTA42 NPN
CZTA92 PNP
SURFACE MOUNT
COMPLEMENTARY
HIGH VOLTAGE SILICON TRANSISTOR
SOT-223 CASE
Central
Semiconductor Corp.
TM
R2 (17-June 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZTA42,
CZTA92 types are complementary surface
mount epoxy molded silicon planar epitaxial
transistors designed for high voltage
applications.
MARKING CODE: FULL PART NUMBER




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CZTA46SURFACE MOUNT NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CZTA96SURFACE MOUNT PNP SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CXTA44SURFACE MOUNT NPN SILICON HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CMPTA42EENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS 1 2 Central Semiconductor Corp
CMLTA44SURFACE MOUNT PICOmini EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CMLTA94SURFACE MOUNT PICOmini EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR 1 2 Central Semiconductor Corp
SMLA42CSMSILICON NPN HIGH VOLTAGE TRANSISTOR IN CERAMIC SURFACE MOUNT PACKAGE 1 2 Seme LAB
PZTA42T1NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreON Semiconductor
BSP16T1SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
PZTA92T1PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT 1 2 3 4 Motorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl