Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28409 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part No. CY28409
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY28409 Datasheet(HTML) 18 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
CY28409
Document #: 38-07445 Rev. *B
Page 18 of 18
Document History Page
Document Title: CY28409 Clock Synthesizer with Differential SRC and CPU Outputs
Document Number: 38-07445
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
121414
12/04/02
RGL
New Data Sheet
*A
124795
07/07/03
RGL
Changed revision code to 4
Corrected rise/fall time value on DOT from 1.0/2.0 to 0.5/1.0 ns, respectively
Changed USB and DOT from long-term jitter to cycle-to-cycle jitter
Changed USB and DOT period value from 28.8257/28.8340 to
20.8271/20.8396 ns, respectively
*B
128864
08/29/03
RGL
Fixed the I2C registers to match the actual device
Removed all items referencing to 166 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn