Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY28409 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part No. CY28409
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY28409 Datasheet(HTML) 6 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY28409
Document #: 38-07445 Rev. *B
Page 6 of 18
5
1
PCI5
PCI5 Output Enable
0 = Disabled, 1 = Enabled
4
1
PCI4
PCI4 Output Enable
0 = Disabled, 1 = Enabled
3
1
PCI3
PCI3 Output Enable
0 = Disabled, 1 = Enabled
2
1
PCI2
PCI2 Output Enable
0 = Disabled, 1 = Enabled
1
1
PCI1
PCI1 Output Enable
0 = Disabled, 1 = Enabled
0
1
PCI0
PCI0 Output Enable
0 = Disabled, 1 = Enabled
Byte 4: Control Register 4
Bit
@Pup
Name
Description
7
0
USB_48
USB_48 Drive Strength
0 = High drive strength, 1 = Low drive strength
6
1
USB_48
USB_48 Output Enable
0 = Disabled, 1 = Enabled
5
0
PCIF2
Allow control of PCIF2 with assertion of PCI_STP# or SW PCI_STP
0 = Free Running, 1 = Stopped with PCI_STP#
4
0
PCIF1
Allow control of PCIF1 with assertion of PCI_STP# or SW PCI_STP
0 = Free Running, 1 = Stopped with PCI_STP#
3
0
PCIF0
Allow control of PCIF0 with assertion of PCI_STP# or SW PCI_STP
0 = Free Running, 1 = Stopped with PCI_STP#
2
1
PCIF2
PCIF2 Output Enable
0 = Disabled, 1 = Enabled
1
1
PCIF1
PCIF1 Output Enable
0 = Disabled, 1 = Enabled
0
1
PCIF0
PCIF0 Output Enable
0 = Disabled, 1 = Enabled
Byte 5: Control Register 5
Bit
@Pup
Name
Description
7
1
DOT_48
DOT_48 Output Enable
0 = Disabled, 1 = Enabled
6
1
Reserved
Reserved, Set = 1
5
0
3V66_4/VCH
VCH Select 66 MHz/48 MHz
0 = 3V66 mode, 1 = VCH (48 MHz) mode
4
1
3V66_4/VCH
3V66_4/VCH Output Enable
0 = Disabled, 1 = Enabled
3
1
3V66_3
3V66_3 Output Enable
0 = Disabled, 1 = Enabled
2
1
3V66_2
3V66_2 Output Enable
0 = Disabled, 1 = Enabled
1
1
3V66_1
3V66_1 Output Enable
0 = Disabled, 1 = Enabled
0
1
3V66_0
3V66_0 Output Enable
0 = Disabled, 1 = Enabled
Byte 3: Control Register 3
Bit
@Pup
Name
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn