Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7518 Datasheet(PDF) 25 Page - Analog Devices

Part # ADT7518
Description  SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7518 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADT7518 Datasheet HTML 21Page - Analog Devices ADT7518 Datasheet HTML 22Page - Analog Devices ADT7518 Datasheet HTML 23Page - Analog Devices ADT7518 Datasheet HTML 24Page - Analog Devices ADT7518 Datasheet HTML 25Page - Analog Devices ADT7518 Datasheet HTML 26Page - Analog Devices ADT7518 Datasheet HTML 27Page - Analog Devices ADT7518 Datasheet HTML 28Page - Analog Devices ADT7518 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
ADT7518
Rev. A | Page 25 of 40
5.
Place 0.1 µF bypass and 2,200 pF input filter capacitors
close to the ADT7518.
6.
If the distance to the remote sensor is more than 8 inches,
the use of twisted-pair cable is recommended. This will
work up to about 6 feet to 12 feet.
7.
For long distances (up to 100 feet), use shielded twisted-
pair cable, such as Belden #8451 microphone cable.
Connect the twisted pair to D+ and D– and the shield to
GND close to the ADT7518. Leave the remote end of the
shield unconnected to avoid ground loops.
Because the measurement technique uses switched current
sources, excessive cable and/or filter capacitance can affect the
measurement. When using long cables, the filter capacitor may
be reduced or removed.
Cable resistance can also introduce errors. Series resistance of
1 Ω introduces about 0.5°C error.
Temperature Value Format
One LSB of the ADC corresponds to 0.25°C. The ADC can
theoretically measure a temperature span of 255°C. The internal
temperature sensor is guaranteed to a low value limit of –40°C.
It is possible to measure the full temperature span using the
external temperature sensor. The temperature data format is
shown in Table 9.
The result of the internal or external temperature measure-
ments is stored in the temperature value registers, and is com-
pared with limits programmed into the internal or external high
and low registers.
Table 9. Temperature Data Format (Internal and External
Temperature)
Temperature
Digital Output
–40°C
11 0110 0000
–25°C
11 1001 1100
–10°C
11 1101 1000
–0.25°C
11 1111 1111
0°C
00 0000 0000
+0.25°C
00 0000 0001
+10°C
00 0010 1000
+25°C
00 0110 0100
+50°C
00 1100 1000
+75°C
01 0010 1100
+100°C
01 1001 0000
+105°C
01 1010 0100
+125°C
01 1111 0100
Temperature Conversion Formula:
Positive Temperature = ADC Code/4
Negative Temperature = (ADC Code* – 512)/4
*
where DB9 is removed from the ADC code.
Interrupts
The measured results from the internal temperature sensor,
external temperature sensor, VDD pin, and AIN inputs are
compared with the THIGH/VHIGH (greater than comparison) and
TLOW/VLOW (less than or equal to comparison) limits. An inter-
rupt occurs if the measurement exceeds or equals the limit
registers. These limits are stored in on-chip registers. Note that
the limit registers are 8 bits long while the conversion results are
10 bits long. If the limits are not masked, any out-of-limit com-
parisons generate flags that are stored in the Interrupt Status 1
register (Address 00h) and Interrupt Status 2 register
(Address 01h). One or more out-of-limit results will cause the
INT/INT output to pull either high or low depending on the
output polarity setting. It is good design practice to mask out
interrupts for channels that are of no concern to the application.
Figure 49 shows the interrupt structure for the ADT7518. It
gives a block diagram representation of how the various
measurement channels affect the INT/INT pin.
ADT7518 REGISTERS
The ADT7518 contains registers that are used to store the
results of external and internal temperature measurements, VDD
value measurements, analog input measurements, high and low
temperature limits, supply voltage and analog input limits, to set
output DAC voltage levels, to configure multipurpose pins, and
generally to control the device. A description of these registers
follows.
The register map is divided into registers of 8 bits. Each register
has its own individual address, but some consist of data that is
linked to other registers. These registers hold the 10-bit conver-
sion results of measurements taken on the temperature, VDD,
and AIN channels. For example, the eight MSBs of the VDD
measurement are stored in Register Address 06h, while the two
LSBs are stored in Register Address 03h. These types of registers
are linked such that when the LSB register is read first, the MSB
registers associated with that LSB register are locked to prevent
any updates. To unlock these MSB registers, the user has only to
read any one of them, which will have the effect of unlocking all
previously locked MSB registers. So, for the preceding example,
if Register 03h was read first, MSB Registers 06h and 07h would
be locked to prevent any updates to them. If Register 06h were
read, this register and Register 07h would be subsequently
unlocked.
LOCK ASSOCIATED
MSB REGISTERS
FIRST READ
COMMAND
LSB
REGISTER
OUTPUT
DATA
Figure 51. Phase 1 of 10-Bit Read


Similar Part No. - ADT7518

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
   SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
More results

Similar Description - ADT7518

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516_06 Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
   SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Texas Instruments
DAC532A3W TI1-DAC532A3W Datasheet
2Mb / 88P
[Old version datasheet]   DAC53xAxW 10-Bit Three-Channel and Two-Channel Voltage-Output and Current- Output Smart DAC With I2C or SPI
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com