Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1265W Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1265W
Description  3.3V 8Mb Nonvolatile SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1265W Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1265W Datasheet HTML 1Page - Dallas Semiconductor DS1265W Datasheet HTML 2Page - Dallas Semiconductor DS1265W Datasheet HTML 3Page - Dallas Semiconductor DS1265W Datasheet HTML 4Page - Dallas Semiconductor DS1265W Datasheet HTML 5Page - Dallas Semiconductor DS1265W Datasheet HTML 6Page - Dallas Semiconductor DS1265W Datasheet HTML 7Page - Dallas Semiconductor DS1265W Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS1265W
4 of 8
AC ELECTRICAL CHARACTERISTICS
(TA: See Note 10; VCC = 3.3V
± 0.3V)
DS1265W-100
DS1265W-150
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS NOTES
Read Cycle Time
tRC
100
150
ns
Access Time
tACC
100
150
ns
OE
to Output Valid
tOE
50
70
ns
CE
to Output Valid
tCO
100
150
ns
OE
or CE to Output Active
tCOE
5
5
ns
5
Output High-Z from Deselection
tOD
35
35
ns
5
Output Hold from Address Change
tOH
55
ns
Write Cycle Time
tWC
100
150
ns
Write Pulse Width
tWP
75
100
ns
3
Address Setup Time
tAW
00
ns
Write Recovery Time
tWR1
tWR2
5
20
5
20
ns
ns
12
13
Output High-Z from WE
tODW
35
35
ns
5
Output Active from WE
tOEW
5
5
ns
5
Data Setup Time
tDS
40
60
ns
4
Data Hold Time
tDH1
tDH2
0
20
0
20
ns
ns
12
13
TIMING DIAGRAM: READ CYCLE
SEE NOTE 1


Similar Part No. - DS1265W

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W-100 DALLAS-DS1265W-100 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W-100++ MAXIM-DS1265W-100+ Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W-100IND DALLAS-DS1265W-100IND Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
More results

Similar Description - DS1265W

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS3065WP MAXIM-DS3065WP Datasheet
1Mb / 15P
   3.3V, 8Mb, Nonvolatile SRAM with Clock
19-5450; Rev 0; 7/10
DS3065W MAXIM-DS3065W Datasheet
321Kb / 18P
   3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
logo
Dallas Semiconductor
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
   3.3V 256k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
DS1245W ARTSCHIP-DS1245W Datasheet
401Kb / 11P
   3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1250W MAXIM-DS1250W Datasheet
226Kb / 9P
   3.3V 4096k Nonvolatile SRAM
19-5648; Rev 12/10
logo
Dallas Semiconductor
DS1245W DALLAS-DS1245W Datasheet
218Kb / 11P
   3.3V 1024k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com