Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1265W Datasheet(PDF) 3 Page - Dallas Semiconductor

Part No. DS1265W
Description  3.3V 8Mb Nonvolatile SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo DALLAS - Dallas Semiconductor

DS1265W Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1265W Datasheet HTML 1Page - Dallas Semiconductor DS1265W Datasheet HTML 2Page - Dallas Semiconductor DS1265W Datasheet HTML 3Page - Dallas Semiconductor DS1265W Datasheet HTML 4Page - Dallas Semiconductor DS1265W Datasheet HTML 5Page - Dallas Semiconductor DS1265W Datasheet HTML 6Page - Dallas Semiconductor DS1265W Datasheet HTML 7Page - Dallas Semiconductor DS1265W Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS1265W
3 of 8
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +4.6V
Operating Temperature Range
0°C to +70°C (-40°C to +85°C for IND parts)
Storage Temperature Range
-40°C to +70°C (-40°C to +85°C for IND parts)
Soldering Temperature
+260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(
TA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Power-Supply Voltage
VCC
3.0
3.3
3.6
V
Logic 1 Input Voltage
VIH
2.2
VCC
V
Logic 0 Input Voltage
VIL
0.0
+0.4
V
DC ELECTRICAL CHARACTERISTICS
(TA: See Note 10; VCC = 3.3V
± 0.3V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Leakage Current
IIL
-2.0
+2.0
mA
I/O Leakage Current
IIO
-2.0
+2.0
mA
Output Current at 2.2V
IOH
-1.0
mA
Output Current at 0.4V
IOL
2.0
mA
Standby Current CE = 2.2V
ICCS1
150
250
mA
Standby Current CE = VCC - 0.2V
ICCS2
100
150
mA
Operating Current
ICCO1
50
mA
Write Protection Voltage
VTP
2.8
2.9
3.0
V
CAPACITANCE
(
TA = +25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Capacitance
CIN
10
20
pF
Input/Output Capacitance
CI/O
10
20
pF


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS2065W3.3V Single-Piece 8Mb Nonvolatile SRAM 1 2 3 4 5 MoreMaxim Integrated Products
DS3065W3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS3050W3.3V Single-Piece 4Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS3045W3.3V Single-Piece 1Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS1249W3.3V 2048kb Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1230W3.3V 256k Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1245W3.3V 1024k Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1345W3.3V 1024k Nonvolatile SRAM with Battery Monitor 1 2 3 4 5 MoreDallas Semiconductor
DS1250W3.3V 4096k Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1330W3.3V 256K Nonvolatile SRAM with Battery Monitor 1 2 3 4 5 MoreDallas Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn