Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1265W Datasheet(PDF) 7 Page - Dallas Semiconductor

Part No. DS1265W
Description  3.3V 8Mb Nonvolatile SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

DS1265W Datasheet(HTML) 7 Page - Dallas Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DS1265W
7 of 8
9. Each DS1265W has a built-in switch that disconnects the lithium source until VCC is first applied by
the user. The expected tDR is defined as accumulative time in the absence of VCC starting from the
time power is first applied by the user.
10. All AC and DC electrical characteristics are valid over the full operating temperature range. For
commercial products, this range is 0
°C to+ 70°C. For industrial products (IND), this range is -40°C to
+85
°C.
11. In a power-down condition, the voltage on any pin may not exceed the voltage on VCC.
12. tWR1 and tDH1 are measured from WE going high.
13. tWR2 and tDH2 are measured from CE going high.
14. DS1265 modules are recognized by Underwriters Laboratory (U.L.
â) under file E99151.
DC TEST CONDITIONS
AC TEST CONDITIONS
Outputs open
Output Load: 100pF + 1TTL Gate
Cycle = 200ns for operating current
Input Pulse Levels: 0 to 2.7V
All voltages are referenced to ground
Timing Measurement Reference Levels
Input: 1.5V
Output: 1.5V
Input Pulse Rise and Fall Times: 5ns
ORDERING INFORMATION
DS1265W - SSS - III
Operating Temperature Range
blank: 0
°C to +70°C
IND: -40
°C to +85°C
Access Speed
100:
100ns
150:
150ns


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS2065W3.3V Single-Piece 8Mb Nonvolatile SRAM 1 2 3 4 5 MoreMaxim Integrated Products
DS3065W3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS3050W3.3V Single-Piece 4Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS3045W3.3V Single-Piece 1Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS1249W3.3V 2048kb Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1230W3.3V 256k Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1245W3.3V 1024k Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1345W3.3V 1024k Nonvolatile SRAM with Battery Monitor 1 2 3 4 5 MoreDallas Semiconductor
DS1250W3.3V 4096k Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1330W3.3V 256K Nonvolatile SRAM with Battery Monitor 1 2 3 4 5 MoreDallas Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn