Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DS1265W Datasheet(PDF) 6 Page - Dallas Semiconductor

Part No. DS1265W
Description  3.3V 8Mb Nonvolatile SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

DS1265W Datasheet(HTML) 6 Page - Dallas Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS1265W
6 of 8
POWER-DOWN/POWER-UP CONDITION
SEE NOTE 11
POWER-DOWN/POWER-UP TIMING
(TA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
VCC Fail Detect to CE and WE Inactive
tPD
1.5
ms
11
VCC Slew from VTP to 0V
tF
150
ms
VCC Slew from 0V to VTP
tR
150
ms
VCC Valid to CE and WE Inactive
tPU
2ms
VCC Valid to End of Write Protection
tREC
125
ms
(TA = 25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Expected Data-Retention Time
tDR
10
years
9
WARNING:
Under no circumstance are negative undershoots, of any amplitude, allowed when device is in battery
backup mode.
NOTES:
1. WE is high for a read cycle.
2. OE = VIH or VIL. If OE = VIH during write cycle, the output buffers remain in a high-impedance state.
3. tWP is specified as the logical AND of CE or WE . tWP is measured from the latter of CE or WE going
low to the earlier of CE or WE going high.
4. tDS is measured from the earlier of CE or WE going high.
5. These parameters are sampled with a 5pF load and are not 100% tested.
6. If the CE low transition occurs simultaneously with or latter than the WE low transition, the output
buffers remain in a high-impedance state during this period.
7. If the CE high transition occurs prior to or simultaneously with the WE high transition, the output
buffers remain in a high-impedance state during this period.
8. If WE is low or the WE low transition occurs prior to, or simultaneously with, the CE low transition,
the output buffers remain in a high-impedance state during this period.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS2065W3.3V Single-Piece 8Mb Nonvolatile SRAM 1 2 3 4 5 MoreMaxim Integrated Products
DS3065W3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS3050W3.3V Single-Piece 4Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS3045W3.3V Single-Piece 1Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS1249W3.3V 2048kb Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1230W3.3V 256k Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1245W3.3V 1024k Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1345W3.3V 1024k Nonvolatile SRAM with Battery Monitor 1 2 3 4 5 MoreDallas Semiconductor
DS1250W3.3V 4096k Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1330W3.3V 256K Nonvolatile SRAM with Battery Monitor 1 2 3 4 5 MoreDallas Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn