Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG309BAK Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG309BAK
Description  Improved Quad CMOS Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG309BAK Datasheet(HTML) 3 Page - Vishay Siliconix

  DG309BAK Datasheet HTML 1Page - Vishay Siliconix DG309BAK Datasheet HTML 2Page - Vishay Siliconix DG309BAK Datasheet HTML 3Page - Vishay Siliconix DG309BAK Datasheet HTML 4Page - Vishay Siliconix DG309BAK Datasheet HTML 5Page - Vishay Siliconix DG309BAK Datasheet HTML 6Page - Vishay Siliconix DG309BAK Datasheet HTML 7Page - Vishay Siliconix DG309BAK Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DG308B/309B
Vishay Siliconix
Document Number: 70047
S-52896—Rev. E, 14-Jul-97
www.vishay.com
S FaxBack 408-970-5600
4-3
SPECIFICATIONSa
Test Conditions
Unless Specified
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V
VIN = 11 V, 3.5 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Power Supply
Positive Supply Current
I+
VIN =0or15V
Room
Full
1
5
1
5
mA
Negative Supply Current
I–
VIN = 0 or 15 V
Room
Full
-1
-5
-1
-5
mA
Power Supply Range for
Continuous Operation
VOP
Full
"
4
"
22
"
4
"
22
V
SPECIFICATIONSa FOR SINGLE SUPPLY
Test Conditions
Unless Specified
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 12 V, V– = 0 V
VIN = 11 V, 3.5 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source
On-Resistance
rDS(on)
VD = 3 V, 8 V, IS = 1 mA
Room
Full
90
160
200
160
200
W
Dynamic Characteristics
Turn-On Time
tON
VS = 8 V, See Figure 2
Room
300
300
ns
Turn-Off Time
tOFF
VS = 8 V, See Figure 2
Room
200
200
ns
Charge Injection
Q
CL = 1 nF, Vgen= 6 V, Rgen = 0 W
Room
4
pC
Power Supply
Positive Supply Current
I+
VIN =0or12V
Room
Full
1
5
1
5
mA
Negative Supply Current
I–
VIN = 0 or 12 V
Room
Full
-1
-5
-1
-5
mA
Power Supply Range for
Continuous Operation
VOP
Full
4
44
4
44
V
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.


Similar Part No. - DG309BAK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG309B VISHAY-DG309B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG309B VISHAY-DG309B Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG309B VISHAY-DG309B Datasheet
248Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG309BDJ VISHAY-DG309BDJ Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG309BDJ VISHAY-DG309BDJ Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
More results

Similar Description - DG309BAK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com