Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4052BQPWRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Part # CD4052BQPWRQ1
Description  CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4052BQPWRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD4052BQPWRQ1 Datasheet HTML 4Page - Texas Instruments CD4052BQPWRQ1 Datasheet HTML 5Page - Texas Instruments CD4052BQPWRQ1 Datasheet HTML 6Page - Texas Instruments CD4052BQPWRQ1 Datasheet HTML 7Page - Texas Instruments CD4052BQPWRQ1 Datasheet HTML 8Page - Texas Instruments CD4052BQPWRQ1 Datasheet HTML 9Page - Texas Instruments CD4052BQPWRQ1 Datasheet HTML 10Page - Texas Instruments CD4052BQPWRQ1 Datasheet HTML 11Page - Texas Instruments CD4052BQPWRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CD4051BQ1, CD4052BQ1, CD4053BQ1
CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
WITH LOGIC-LEVEL CONVERSION
SCHS354 − AUGUST 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical specifications
PARAMETER
TEST CONDITIONS
VIS
(V)
VDD
(V)
LIMITS AT
INDICATED
TEMPERATURES
UNIT
PARAMETER
TEST CONDITIONS
VIS
(V)
VDD
(V)
25
°C
UNIT
MIN
TYP
MAX
RL = 1 kΩ,
V
at COM OUT/IN,
CD4053
5
10
30
−3-dB cutoff
frequency,
RL = 1 k ,
VOS at COM OUT/IN,
See Note 2,
CD4052
5
10
25
frequency,
channel ON
See Note 2,
VOS at COM OUT/IN
CD4051
5
10
20
MHz
channel ON
(sine-wave input)
VEE = VSS, 20log VOS/VIS = −3 dB,
VOS at any channel
60
RL = 10 kΩ,
2
5
0.3
THD
Total harmonic
RL = 10 kΩ,
See Note 2
3
10
0.2
%
THD
Total harmonic
distortion
See Note 2
5
15
0.12
%
distortion
VEE = VSS, fis = 1-kHz sine wave
0.12
RL = 1 kΩ,
CD4053
5
10
8
−40-dB
feedthrough
RL = 1 kΩ,
VOS at COM OUT/IN,
See Note 2
CD4052
5
10
10
feedthrough
frequency
VOS at COM OUT/IN,
See Note 2
CD4051
5
10
12
MHz
frequency
(all channels OFF)
VEE = VSS, 20log VOS/VIS = −40 dB,
VOS at any channel
8
MHz
RL = 1 kΩ, between any two channels, See Note 2
5
10
3
VEE = VSS, 20log VOS/VIS = −40 dB,
Between sections, Measured on common
6
−40-dB signal
crosstalk frequency
VEE = VSS, 20log VOS/VIS = −40 dB,
Between sections,
Measured on any channel
CD4052
10
MHz
−40-dB signal
crosstalk frequency
VEE = VSS, 20log VOS/VIS = −40 dB,
Between any two sections,
In pin 2, Out pin 14
CD4053
2.5
MHz
VEE = VSS, 20log VOS/VIS = −40 dB,
Between any two sections,
In pin 15, Out pin 14
CD4053
6
Address or inhibit
RL = 10 kΩ, See Note 4
10
65
Address or inhibit
to signal crosstalk
VEE = 0 V, VSS = 0 V, tr, tf = 20 ns,
VCC = VDD − VSS (square wave)
65
mVPEAK
NOTES:
2. Peak-to-peak voltage symmetrical about VDD − VEE
2
4. Both ends of channel


Similar Part No. - CD4052BQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4052BQPWRQ1 TI1-CD4052BQPWRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - CD4052BQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4051B TI-CD4051B_10 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4051B HARRIS-CD4051B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051B TI-CD4051B Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com