Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCLVP110LQFP Datasheet(PDF) 5 Page - Texas Instruments

Part No. CDCLVP110LQFP
Description  LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP110LQFP Datasheet(HTML) 5 Page - Texas Instruments

  CDCLVP110LQFP Datasheet HTML 1Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 2Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 3Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 4Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 5Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 6Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 7Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 8Page - Texas Instruments CDCLVP110LQFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.ti.com
AC ELECTRICAL CHARACTERISTICS
HSTL INPUT
CDCLVP110
SCAS683A – JUNE 2002 – REVISED AUGUST 2002
LVPECL/HSTL DC ELECTRICAL CHARACTERISTICS (continued)
Vsupply: V
CC = 2.375 V to 3.8 V, VEE= 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
-40
°C,
Differential input
VID
Difference of input VIH-VIL, See Note
(1)
25
°C,
0.4
1.9
V
voltage (CLK1, CLK1)
85
°C
-40
°C,
Input crossover
VI(x)
Cross point of input 9 average (VIH, VIL)
25
°C,
0.68
0.9
V
voltage (CLK1, CLK1)
85
°C
-40
°C
VCC - 1.26
VCC - 0.9
High-level output
VOH
IOH = -21 mA
25
°C
VCC - 1.2
VCC - 0.9
V
voltage
85
°C
VCC - 1.15
VCC - 0.9
-40
°C
VCC - 1.85
VCC - 1.5
Low-level output
VOL
IOL = -5 mA
25
°C
VCC - 1.85
VCC - 1.45
V
voltage
85
°C
VCC - 1.85
VCC - 1.4
-40
°C,
Differential output
Terminated with 50
Ω to V
CC - 2 V, See
VOD
25
°C,
600
mV
voltage swing
Figure 4
85
°C
Vsupply: V
CC = 2.375 V to 3.8 V, VEE = 0 V or LVECL/LVPECL input VCC = 0 V, VEE = -2.375 V to -3.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input condition: VCM = 1 V,
-40
°C,
230
350
Differential propagation delay CLK0,
tpd
VPP = 0.5 V
25
°C,
ps
CLK0 to all Q0, Q0
… Q9, Q9
85
°C
-40
°C,
tsk(pp)
Part-to-part skew
See Note B and Figure 1
25
°C,
70
ps
85
°C
-40
°C,
tsk(o)
Output-to-output skew
See Note A and Figure 1
25
°C,
15
30
ps
85
°C
-40
°C,
t(JITTER)
Cycle-to-cycle RMS jitter
25
°C,
< 1
ps
85
°C
Functional up to 3.5 GHz, timing
-40
°C,
f(max)
Maximum frequency
specifications apply at 1 GHz,
25
°C,
3500
MHz
see Figure 3
85
°C
-40
°C,
tr/tf
Output rise and fall time (20%, 80%)
25
°C,
100
200
ps
85
°C
Vsupply: V
CC = 2.375 V to 3.8 V, VEE = 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
-40
°C,
Differential propagation delay CLK0,
Input condition: Vx = 0.68 V,
tpd
25
°C,
290
370
ps
CLK0 to all Q0, Q0
… Q9, Q9
Vdif = 0.4 V
85
°C
-40
°C,
tsk(pp)
Part-to-part skew
See Note B and Figure 1
25
°C,
70
ps
85
°C
-40
°C,
tsk(o)
Output to output skew
See Note A and Figure 1
25
°C,
10
30
ps
85
°C
-40
°C,
t(JITTER)
Cycle-to-cycle RMS jitter
25
°C,
<1
ps
85
°C
5


Similar Part No. - CDCLVP110LQFP

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CDCLVP110 TI1-CDCLVP110 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTT TI1-CDCLVP1102RGTT Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP110LQFP

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
ON Semiconductor
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
Cypress Semiconductor
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
Micrel Semiconductor
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
ON Semiconductor
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz