Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG308BDJ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG308BDJ
Description  Improved Quad CMOS Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG308BDJ Datasheet(HTML) 5 Page - Vishay Siliconix

  DG308BDJ Datasheet HTML 1Page - Vishay Siliconix DG308BDJ Datasheet HTML 2Page - Vishay Siliconix DG308BDJ Datasheet HTML 3Page - Vishay Siliconix DG308BDJ Datasheet HTML 4Page - Vishay Siliconix DG308BDJ Datasheet HTML 5Page - Vishay Siliconix DG308BDJ Datasheet HTML 6Page - Vishay Siliconix DG308BDJ Datasheet HTML 7Page - Vishay Siliconix DG308BDJ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DG308B/309B
Vishay Siliconix
Document Number: 70047
S-52896—Rev. E, 14-Jul-97
www.vishay.com
S FaxBack 408-970-5600
4-5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10 k
100 k
1 M
10 M
40
50
60
70
80
90
100
110
120
f – Frequency (Hz)
Off Isolation vs. Frequency
V+ = 15 V
V– = –15 V
RL = 50 W
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
FIGURE 1.
DX
SX
V+
INX
V–
Level
Shift/
GND
V+
V–
Drive
TEST CIRCUITS
FIGURE 2. Switching Time
50%
0 V
12 V
tOFF
tON
VO
tr <20 ns
tf <20 ns
Logic
Input
Switch
Output
90%
CL
35 pF
RL
1 k
W
VO = VS
RL + rDS(on)
RL
VS = +3 V
VO
V–
V+
IN
S
D
12 V
–15 V
GND
+15 V


Similar Part No. - DG308BDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308BDJ VISHAY-DG308BDJ Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308BDJ VISHAY-DG308BDJ Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG308BDJ-E3 VISHAY-DG308BDJ-E3 Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308BDJ-E3 VISHAY-DG308BDJ-E3 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
More results

Similar Description - DG308BDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com