Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5994 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5994
Description  NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5994 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5994 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5994 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5994 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5994 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5994
No.8035-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Gain-Bandwidth Product
fT
VCE=10V, IC=300mA
420
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
9
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=50mA
135
300
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=1A, IB=50mA
0.9
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10µA, IE=0
100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=100µA, RBE=0
100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10µA, IC=0
6
V
Turn-ON Time
ton
See specified Test Circuit.
30
ns
Storage Time
tstg
See specified Test Circuit.
330
ns
Fall Time
tf
See specified Test Circuit.
40
ns
Package Dimensions
Switching Time Test Circuit
unit : mm
2038B
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
1.5
0.5
0.4
3.0
0.75
4.5
1.6
0.4
12
3
1.5
VR
RB
VCC=25V
IC=10IB1= --10IB2=700mA
VBE= --5V
+
+
50
INPUT
OUTPUT
RL
470
µF
100
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
2.0
1.8
1.6
1.2
1.4
0.8
1.0
0.4
0.6
0.2
0
0.4
0
0.8
1.2
1.6
2.0
0.2
0.6
1.0
1.4
1.8
IT07587
5mA
10mA
15mA
20mA
IB=0
3mA
1mA
2mA
VCE=2V
2.0
1.0
1.6
1.4
1.2
0.6
0.8
0.4
0.2
1.8
0
0
0.2
0.4
0.6
0.8
1.1
1.0
0.1
0.3
0.5
0.7
0.9
IT07588
25mA


Similar Part No. - 2SC5994

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5994 ONSEMI-2SC5994 Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC5994 ONSEMI-2SC5994 Datasheet
294Kb / 5P
   Bipolar Transistor
April 2016 - Rev. 2
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
294Kb / 5P
   Bipolar Transistor
April 2016 - Rev. 2
More results

Similar Description - 2SC5994

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5979 SANYO-2SC5979 Datasheet
43Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6144 SANYO-2SC6144 Datasheet
62Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6094 SANYO-2SC6094 Datasheet
43Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3246 SANYO-CPH3246 Datasheet
41Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3247 SANYO-CPH3247 Datasheet
41Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6097 SANYO-2SC6097 Datasheet
46Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6071 SANYO-2SC6071 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC5980 SANYO-2SC5980 Datasheet
38Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH5517 SANYO-CPH5517 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6044 SANYO-2SC6044 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com