Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7731-02 Datasheet(PDF) 31 Page - OKI electronic componets

Part # MSM7731-02
Description  Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7731-02 Datasheet(HTML) 31 Page - OKI electronic componets

Back Button MSM7731-02 Datasheet HTML 27Page - OKI electronic componets MSM7731-02 Datasheet HTML 28Page - OKI electronic componets MSM7731-02 Datasheet HTML 29Page - OKI electronic componets MSM7731-02 Datasheet HTML 30Page - OKI electronic componets MSM7731-02 Datasheet HTML 31Page - OKI electronic componets MSM7731-02 Datasheet HTML 32Page - OKI electronic componets MSM7731-02 Datasheet HTML 33Page - OKI electronic componets MSM7731-02 Datasheet HTML 34Page - OKI electronic componets MSM7731-02 Datasheet HTML 35Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
FEDL7731-02-04
1Semiconductor
MSM7731-02
31/53
(4) CR3 (Transmit Gain Adjustment)
B7
B6
B5
B4
B3
B2
B1
B0
CR3
TPAD6
TPAD5
TPAD4
TPAD3
TPAD2
TPAD1
Initial Value
0
0
0
0
0
0
0
0
B7, B6
Reserved bits.
Modification of initial values is inhibited.
B5, B4, B3, B2, B1, B0
Transmit side level setting (TPAD)
These bits adjust the transmit signal gain and set the mute level. Notice that only the mute level setting
differs from pin control. Because data is read by these bits in synchronization with the rising edge of the
SYNC signal, hold the data in these bits for 250
µs or longer.
When using this register, set the TPAD4, 3, 2, 1 pins to a logic “0”.
(0, 0, 1, 0, 1, 0):
30 dB
(0, 0, 1, 0, 0, 1):
27 dB
(0, 0, 1, 0, 0, 0):
24 dB
(0, 0, 0, 1, 1, 1):
21 dB
(0, 0, 0, 1, 1, 0):
18 dB
(0, 0, 0, 1, 0, 1):
15 dB
(0, 0, 0, 1, 0, 0):
12 dB
(0, 0, 0, 0, 1, 1):
9 dB
(0, 0, 0, 0, 1, 0):
6 dB
(0, 0, 0, 0, 0, 1):
3 dB
(0, 0, 0, 0, 0, 0):
0 dB
(1, 1, 1, 1, 1, 1):
–3 dB
(1, 1, 1, 1, 1, 0):
–6 dB
(1, 1, 1, 1, 0, 1):
–9 dB
(1, 1, 1, 1, 0, 0):
–12 dB
(1, 1, 1, 0, 1, 1):
–15 dB
(1, 1, 1, 0, 1, 0):
–18 dB
(1, 1, 1, 0, 0, 1):
–21 dB
(1, 1, 1, 0, 0, 0):
–24 dB
(1, 1, 0, 1, 1, 1):
–27 dB
(1, 1, 0, 1, 1, 0):
–30 dB
(1, 1, 0, 1, 0, 1):
–33 dB
(1, 1, 0, 1, 0, 0):
–36 dB
(1, 1, 0, 0, 1, 1):
–39 dB
(1, 1, 0, 0, 1, 0):
–42 dB
(1, 1, 0, 0, 0, 1):
–45 dB
(1, 1, 0, 0, 0, 0):
–48 dB
(1, 0, 1, 1, 1, 1):
–51 dB
(1, 0, 1, 1, 1, 0):
–54 dB
(1, 0, 1, 1, 0, 1):
–57 dB
(1, 0, 1, 1, 0, 0):
–60 dB
(1, 0, 1, 0, 1, 1):
MUTE


Similar Part No. - MSM7731-02

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7731-01 OKI-MSM7731-01 Datasheet
247Kb / 43P
   Multifunction PCM CODEC (Voice Signal Processor)
More results

Similar Description - MSM7731-02

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML7037-003 LAPIS-ML7037-003 Datasheet
853Kb / 87P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
logo
OKI electronic componet...
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
   Echo Canceler with ADPCM CODEC
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
   Echo Canceler
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
   Echo Canceler
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
   Echo Canceler
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
   Echo Canceler
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
   2-Channel Echo Canceler
logo
Sanyo Semicon Device
LA7013 SANYO-LA7013 Datasheet
115Kb / 1P
   VTR NOISE CANCELER FOR -VTR
logo
LAPIS Semiconductor Co....
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com