Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEP60N10 Datasheet(PDF) 3 Page - Thinki Semiconductor Co., Ltd.

Part # CEP60N10
Description  60A,100V Heatsink Planar N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

CEP60N10 Datasheet(HTML) 3 Page - Thinki Semiconductor Co., Ltd.

  CEP60N10 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. CEP60N10 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. CEP60N10 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. CEP60N10 Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. CEP60N10 Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.thinkisemi.com.tw/
Page 3/5
Rev.09T
© 1995 Thinki Semiconductor Co., Ltd.
CEP60N10
Ciss
Coss
Crss
2400
2000
1600
1200
800
400
0
0
5
10
15
20
25
VDS, Drain-to-Source Voltage (V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage (V)
Figure 2. Transfer Characteristics
VDS, Drain-to-Source Voltage (V)
Figure 3. Capacitance
TJ, Junction Temperature( C)
Figure 4. On-Resistance Variation
with Temperature
2.6
2.2
1.8
1.4
1.0
0.6
0.2
V
GS=10V
I
D=30A
-100
-50
0
50
100
150
200
TJ, Junction Temperature( C)
Figure 5. Gate Threshold Variation
with Temperature
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
V
DS=VGS
I
D=250µA
-50
-25
0
25
50
75
100
125
150
VSD, Body Diode Forward Voltage (V)
Figure 6. Body Diode Forward Voltage
Variation with Source Current
0.4
0.6
0.8
1.0
10
1
10
0
10
2
1.4
1.2
V
GS=0V
120
100
60
40
20
0
0
1
4
6
5
3
2
80
V
GS=10,9V
V
GS=5V
V
GS=6V
V
GS=7V
V
GS=8V
80
60
40
20
0
0
2
4
6
100
8
T
J=125 C
-55 C
25 C
Ciss
Coss
Crss
2400
2000
1600
1200
800
400
0
0
5
10
15
20
25
VDS, Drain-to-Source Voltage (V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage (V)
Figure 2. Transfer Characteristics
VDS, Drain-to-Source Voltage (V)
Figure 3. Capacitance
TJ, Junction Temperature( C)
Figure 4. On-Resistance Variation
with Temperature
2.6
2.2
1.8
1.4
1.0
0.6
0.2
V
GS=10V
I
D=30A
-100
-50
0
50
100
150
200
TJ, Junction Temperature( C)
Figure 5. Gate Threshold Variation
with Temperature
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
V
DS=VGS
I
D=250µA
-50
-25
0
25
50
75
100
125
150
VSD, Body Diode Forward Voltage (V)
Figure 6. Body Diode Forward Voltage
Variation with Source Current
0.4
0.6
0.8
1.0
10
1
10
0
10
2
1.4
1.2
V
GS=0V
120
100
60
40
20
0
0
1
4
6
5
3
2
80
V
GS=10,9V
V
GS=5V
V
GS=6V
V
GS=7V
V
GS=8V
80
60
40
20
0
0
2
4
6
100
8
T
J=125 C
-55 C
25 C


Similar Part No. - CEP60N10

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEP60N10 CET-CEP60N10 Datasheet
97Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
CEP60N10 DOINGTER-CEP60N10 Datasheet
1Mb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
CET-MOS Technology Corp...
CEP60N10 CET-MOS-CEP60N10 Datasheet
519Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 4. 2008.Oct.
More results

Similar Description - CEP60N10

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
IXTP60N10T THINKISEMI-IXTP60N10T Datasheet
1Mb / 7P
   60A,100V Heatsink Trench N-Channel Power MOSFET
IRFP150A THINKISEMI-IRFP150A Datasheet
724Kb / 3P
   100V,60A Heatsink N-Channel Type Power MOSFET
IRFP150N THINKISEMI-IRFP150N Datasheet
725Kb / 3P
   100V,60A Heatsink N-Channel Type Power MOSFET
SUP60N10 THINKISEMI-SUP60N10 Datasheet
1Mb / 7P
   60A,100V Heatsink Trench N-Channel Power MOSFET
IRF3710PBF THINKISEMI-IRF3710PBF Datasheet
1Mb / 7P
   57A,100V Heatsink Planar N-Channel Power MOSFET
FQP70N10 THINKISEMI-FQP70N10 Datasheet
1Mb / 7P
   57A,100V Heatsink Planar N-Channel Power MOSFET
FQP55N10 THINKISEMI-FQP55N10 Datasheet
1Mb / 7P
   55A,100V Heatsink Planar N-Channel Power MOSFET
logo
Jiangsu Donghai Semicon...
B60N10 WXDH-B60N10 Datasheet
719Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
E60N10 WXDH-E60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
F60N10 WXDH-F60N10 Datasheet
715Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com