Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

26D-05S05NNL Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part No. 26D-05S05NNL
Description  DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

26D-05S05NNL Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  26D-05S05NNL Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 26D-05S05NNL Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Isolation
Resistance
500Vdc
1000
Switching
Frequency
Full load,
nominal input
100
KHz
Operating
Temperature
-40
+85
Humidity
Non Condensing
95
%
Cooling
Free air
Convection
Case material
DAP
MTBF
MIL-HDBK-217F
@25℃
3500000
Hours
Weight
Package 1 or
Package 2
2.3 or 3.0
g
Dimensions
Package 1
20.32x10.16x6.80
mm
Dimensions
Package 2
20.32x10.16x7.70
mm
26D SERIES
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:1 2018/10/09
Markings and Dimensions
PIN Connection
PIN
1
7
8
9
10
14
Single
-Vin
NC
+Vout
No Pin
-Vout
+Vin
Dual
-Vin
NC
+Vout
Com
-Vout
+Vin
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
100% full load
±5
%
Short Circuit
Protection
Short Term
1
Sec
Line Regulation
For 1.0% OF Vin
1.2
%
Load Regulation
3.3V,5V
(10% To 100% F.L)
15
%
Load Regulation
9V,12V,15V,24V
(10% To 100% F.L.)
10
%
Ripple & Noise
BW=DC To 20MHz
100
mVp-p
Transient response
setting time
50% load step change
350
us
Recommended Test Circuit
Part Number
26D - 05 S 05 N 2 NL
B
C
D E
A:Series
B:Input Voltage
C:Single(S)Dual(D)
D:Output Voltage
E:Unregulated(N)
F:Packge
G:RoHS Version
A
F G
Unit:mm Unless otherwise specified, all tolerances are ±0.25
Tolerance Envelope Graph
120%
110%
100%
90%
80%
70%
9
2.54
1
7
14
10
8
TOP VIEW
BOTTOM VIEW
20.32
0.50±0.05
7.62
15.24
0.25±0.05
10.16
Single
Vin
+Vout
GND
-Vout
Cin
Cout
3.3V:Cin 4.7uF,25V
5V :Cin
4.7uF,25V
9V :Cin
4.7uF,25V
12V :Cin 2.2uF,25V
15V:Cin 1uF,50V
24V:Cin 1uF,50V
3.3V :Cout 22uF,25V
5V :Cout 10uF,25V
9V :Cout 4.7uF,25V
12V:Cout 2.2uF,25V
15V:Cout 1uF,50V
24V:Cout 1uF,50V
Dual
Vin
+Vout
GND
Cin
Cout
Cout
Com
-Vout
3.3V:Cin 4.7uF,25V
5V :Cin
4.7uF,25V
9V :Cin
4.7uF,25V
12V :Cin 2.2uF,25V
15V:Cin 1uF,50V
24V:Cin 1uF,50V
3.3V :Cout 22uF,25V
5V :Cout 10uF,25V
9V :Cout 4.7uF,25V
12V:Cout 2.2uF,25V
15V:Cout 1uF,50V
24V:Cout 1uF,50V
9
2.54
1
7
14
10
8
TOP VIEW
BOTTOM VIEW
20.32
0.50±0.05
7.62
15.24
0.25±0.05
10.16
1
2


Similar Description - 26D-05S05NNL

ManufacturerPart No.DatasheetDescription
TRACO Electronic AG
TRACO Electronic AG
TEN12-2410 TRACOPOWER-TEN12-2410 Datasheet
51Kb / 3P
   DC/DC Converter
TMV0505S TRACOPOWER-TMV0505S Datasheet
41Kb / 3P
   DC/DC Converter
CUI INC
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
   DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
   DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
   DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
   DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
   DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
   Dc-Dc Converter
VEQ30 CUI-VEQ30 Datasheet
247Kb / 3P
   DC/DC converter
VFSD2-DIP CUI-VFSD2-DIP Datasheet
256Kb / 3P
   DC-DC Converter
VFSD2-SIP CUI-VFSD2-SIP Datasheet
246Kb / 3P
   DC-DC Converter
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz