Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

26D-05S05NNL Datasheet(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

Part No. 26D-05S05NNL
Description  DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

26D-05S05NNL Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  26D-05S05NNL Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 26D-05S05NNL Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES:
14PIN DIL Package
High Efficiency up to 85%
Internal SMD Construction
Unregulated Output Types
No External Component Required
Operating Temperature:-40℃ TO +85℃
Industry Standard Pinout
DC-DC Converter
26D SERIES
1Watt
3KV Isolated
Single & Dual Output
DIL14
Specifications typical at TA=25°C, nominal input voltage and
rated output current unless otherwise specified
Part Number
Output
Voltage
Output
Current
Efficiency
Package
Style
Vdc
mA
%Typ
26D-XXS03NNL
3.3
303
70
1
26D-XXS05NNL
5
200
70
1
26D-XXS09NNL
9
112
75
1
26D-XXS12NNL
12
84
78
1
26D-XXS15NNL
15
67
80
1
26D-XXS24NNL
24
42
82
1
26D-XXD03NNL
±3.3
±150
70
1
26D-XXD05NNL
±5
±100
70
1
26D-XXD09NNL
±9
±56
75
1
26D-XXD12NNL
±12
±42
78
1
26D-XXD15NNL
±15
±34
80
1
26D-XXD24NNL
±24
±21
82
1
26D-XXS03N2NL
3.3
303
70
2
26D-XXS05N2NL
5
200
70
2
26D-XXS09N2NL
9
112
75
2
26D-XXS12N2NL
12
84
78
2
26D-XXS15N2NL
15
67
80
2
26D-XXS24N2NL
24
42
82
2
26D-XXD03N2NL
±3.3
±150
70
2
26D-XXD05N2NL
±5
±100
70
2
26D-XXD09N2NL
±9
±56
75
2
26D-XXD12N2NL
±12
±42
78
2
26D-XXD15N2NL
±15
±34
80
2
26D-XXD24N2NL
±24
±21
82
2
Recognized By UL 60950-1
26D-05S05NNL,26D-05S09NNL,26D-05S12NNL,26D-05S15NNL,26D-05S24NNL,
26D-24S05NNL,26D-24S24NNL
YUAN DEAN SCIENTIFIC
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:1 2018/10/09
26D SERIES
Temperature Derating Graph
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
Vo,Io Nom
±10
%
Filter
Capacitor
100
75
50
25
0
-40
85
100
Ambient Temperature(℃)
Nature Convection
Note:
1.”XX” Is Input Voltage:03=3.3Vdc,05=5Vdc,09=9Vdc,12=12Vdc,15=15Vdc,24=24Vdc,.
2. The input voltage increases, there will be an increase in efficiency.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn