Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC74AP Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. 74HC74AP
Description  Dual D-Type Flip Flop Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74HC74AP Datasheet(HTML) 5 Page - Toshiba Semiconductor

  74HC74AP Datasheet HTML 1Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 2Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 3Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 4Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 5Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 6Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 7Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 8Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74HC74AP/AF
2014-03-01
5
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40
to 85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (L)
tW (H)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum pulse width
( CLR , PR )
tW (L)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
ts
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum hold time
th
2.0
4.5
6.0
0
0
0
0
0
0
ns
Minimum removal time
( CLR , PR )
trem
2.0
4.5
6.0
25
5
4
30
6
5
ns
Clock frequency
f
2.0
4.5
6.0
6
31
36
5
25
29
MHz
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
6
12
ns
Propagation delay time
(CK-Q, Q )
tpLH
tpHL
13
26
ns
Propagation delay time
( CLR , PR -Q, Q )
tpLH
tpHL
14
26
ns
Maximum clock frequency
fmax
36
77
MHz


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn