Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP06N80C2 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPP06N80C2
Description  Cool MOS Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP06N80C2 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPP06N80C2 Datasheet HTML 1Page - Infineon Technologies AG SPP06N80C2 Datasheet HTML 2Page - Infineon Technologies AG SPP06N80C2 Datasheet HTML 3Page - Infineon Technologies AG SPP06N80C2 Datasheet HTML 4Page - Infineon Technologies AG SPP06N80C2 Datasheet HTML 5Page - Infineon Technologies AG SPP06N80C2 Datasheet HTML 6Page - Infineon Technologies AG SPP06N80C2 Datasheet HTML 7Page - Infineon Technologies AG SPP06N80C2 Datasheet HTML 8Page - Infineon Technologies AG SPP06N80C2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2000-05-29
Page 2
SPP06N80C2
Preliminary data
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Thermal resistance, junction - case
RthJC
-
-
1.5
K/W
Thermal resistance, junction - ambient, leaded
RthJA
-
-
62
Linear derating factor
-
-
0.67
W/K
Soldering temperature,
1.6 mm (0.063 in.) from case for 10s
Tsold
-
-
260
°C
Electrical Characteristics, at
Tj = 25 °C, unless otherwise specified
Static Characteristics
Drain-source breakdown voltage
VGS=0V, ID=0.25mA
V(BR)DSS
800
-
-
V
Drain-source avalanche breakdown voltage
VGS=0V, ID=6A
V(BR)DS
-
870
-
Gate threshold voltage,
VGS = VDS
ID=250µA
VGS(th)
2
3
4
Zero gate voltage drain current
VDS = 800 V, VGS = 0 V, Tj = 25 °C
VDS = 800 V, VGS = 0 V, Tj = 150 °C
IDSS
-
-
0.5
-
10
100
µA
Gate-source leakage current
VGS=20V, VDS=0V
IGSS
-
-
100
nA
Drain-source on-state resistance
VGS=10V, ID=3.8A, Tj=25°C
RDS(on)
-
780
900
m
W
Gate input resistance
f = 1 MHz, open drain
RG
-
0.7
-
W
1Repetitve avalanche causes additional power losses that can be calculated asP
AV=E AR*f.


Similar Part No. - SPP06N80C2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP06N80C3 INFINEON-SPP06N80C3 Datasheet
254Kb / 12P
   Cool MOS??Power Transistor
2003-07-02
SPP06N80C3 INFINEON-SPP06N80C3 Datasheet
681Kb / 13P
   Cool MOS??Power Transistor
Rev. 2.6 2007-08-30
SPP06N80C3 INFINEON-SPP06N80C3 Datasheet
395Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.9 2008-10-15
SPP06N80C3 INFINEON-SPP06N80C3 Datasheet
447Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-28
logo
Inchange Semiconductor ...
SPP06N80C3 ISC-SPP06N80C3 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - SPP06N80C2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com