Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN78020AAZ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78020AAZ
Description  25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78020AAZ Datasheet(HTML) 3 Page - Texas Instruments

  PTN78020AAZ Datasheet HTML 1Page - Texas Instruments PTN78020AAZ Datasheet HTML 2Page - Texas Instruments PTN78020AAZ Datasheet HTML 3Page - Texas Instruments PTN78020AAZ Datasheet HTML 4Page - Texas Instruments PTN78020AAZ Datasheet HTML 5Page - Texas Instruments PTN78020AAZ Datasheet HTML 6Page - Texas Instruments PTN78020AAZ Datasheet HTML 7Page - Texas Instruments PTN78020AAZ Datasheet HTML 8Page - Texas Instruments PTN78020AAZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTN78020A
SLTS244A – APRIL 2005 – REVISED MAY 2005
operating at 25°C free-air temperature, V
I = 20 V, VO = –5 V, IO = IO (max), CI = 100 µF and 4x 4.7 µF, CO = 100 µF (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO = -3 V
0.1
4 (1)
VO = -5 V
0.1
4 (1)
TA = 25°C, natural convec-
IO
Output current
A
tion airflow
VO = -12 V
0.1
2.1 (1)
VO = -15 V
0.1
1.67 (1)
VO = -3 V
9
29 (2)
VO = -5 V
9
27 (2)
VI
Input voltage range
Over IO range
V
VO = -12 V
9
20 (2)
VO = -15 V
9
17 (2)
Set-point voltage tolerance
TA = 25°C
±2%(3)
Temperature variation
-40°C to +85°C
-0.5%
Line regulation
Over VI range
-10
mV
VO
Load regulation
Over IO range
-10
mV
Includes set point, line, load
Total output voltage variation
-3% (3)
-40 < TA < 85°C
VO (adj)
Output voltage adjust range
9 V
≤ V
I ≤ (32 – |VO|) V
-15
- 3
V
VI = 12 V, RSET = 100 Ω, VO = –15 V
87%
VI = 12 V, RSET = 2 kΩ, VO = –12 V
86%
η
Efficiency
VI = 20 V, RSET = 28.7 kΩ, VO = –5 V
82%
VI = 24 V, RSET = 221 kΩ, VO = –3.3 V
77%
Output voltage ripple
20-MHz bandwidth
1% VO
V(PP)
IO (LIM)
Current limit threshold
∆V
O = –50 mV
8.5
A
1 A/µs load step from 50% to 100%
IOmax
Transient response
Recovery time
200
µs
VO over/undershoot
5
%VO
FS
Switching frequency
Over VI and IO ranges
440
550
660
kHz
UVLO
Undervoltage lockout
VI increasing
5.5
V
Ceramic
18.8 (4)
CI
External input capacitance
µF
Nonceramic
100 (4)
Ceramic
200
µF
CO
External output capacitance
Nonceramic
100 (5)
2,000
Equivalent series resistance (nonceramic)
10 (6)
m
Per Telcordia SR-332, 50% stress,
MTBF
Calculated reliability
5.6
106 Hrs
TA = 40°C, ground benign
(1)
The maximum output current is 4 A, or a maximum output power of 25 W, whichever is less.
(2)
The maximum input voltage is limited and defined to be (32 – |VO|) volts.
(3)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/°C or better temperature stability.
(4)
A minimum 100-µF electrolytic and four 4.7-µF ceramic capacitors are required across the input (VI and GND) for proper operation.
Locate the ceramic capacitors close to the module.
(5)
100 µF of output capacitance is required for proper operation. See the application information for further guidance.
(6)
This is the typical ESR for all the electrolytic (nonceramic) capacitance. Use 17 m
Ω as the minimum when using max-ESR values to
calculate.
3


Similar Part No. - PTN78020AAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78020AAZT TI-PTN78020AAZT Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
More results

Similar Description - PTN78020AAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78020A TI-PTN78020A_15 Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060A TI-PTN78060A Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060A TI-PTN78060A_15 Datasheet
553Kb / 19P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
   POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137K SEME-LAB-IP137K Datasheet
305Kb / 7P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com