Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN78020AAZ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78020AAZ
Description  25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78020AAZ Datasheet(HTML) 4 Page - Texas Instruments

  PTN78020AAZ Datasheet HTML 1Page - Texas Instruments PTN78020AAZ Datasheet HTML 2Page - Texas Instruments PTN78020AAZ Datasheet HTML 3Page - Texas Instruments PTN78020AAZ Datasheet HTML 4Page - Texas Instruments PTN78020AAZ Datasheet HTML 5Page - Texas Instruments PTN78020AAZ Datasheet HTML 6Page - Texas Instruments PTN78020AAZ Datasheet HTML 7Page - Texas Instruments PTN78020AAZ Datasheet HTML 8Page - Texas Instruments PTN78020AAZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
PIN ASSIGNMENT
PTN78020A
(Top View)
1
2
7
6
5
4
3
PTN78020A
SLTS244A – APRIL 2005 – REVISED MAY 2005
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
The negative output voltage power connection. It is also the reference for the VO Adjust control input. For
VO
1, 7
O
proper operation, pins 1 and 7 must be connected.
VI
2
I
The positive input voltage power node to the module, which is referenced to common GND.
N/C
3
This pin is active and must be isolated from any electrical connection.
A 1% resistor must be connected between pin 4 and pin 7 to set the output voltage of the module lower
than -3 V. If left open-circuit, the output voltage defaults to -3 V. The temperature stability of the resistor
VO Adjust
4
I
should be 100 ppm/°C (or better). The set-point range is -15 V to -3 V. The standard resistor value for a
number of common output voltages is provided in the application information.
N/C
5
This pin is active and must be isolated from any electrical connection.
GND
6
I/O
The common ground connection for VI and VO power connections.
4


Similar Part No. - PTN78020AAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78020AAZT TI-PTN78020AAZT Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
More results

Similar Description - PTN78020AAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78020A TI-PTN78020A_15 Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060A TI-PTN78060A Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060A TI-PTN78060A_15 Datasheet
553Kb / 19P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
   POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137K SEME-LAB-IP137K Datasheet
305Kb / 7P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com