Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8211E-VL Datasheet(PDF) 35 Page - Realtek Semiconductor Corp.

Part # RTL8211E-VL
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211E-VL Datasheet(HTML) 35 Page - Realtek Semiconductor Corp.

Back Button RTL8211E-VL Datasheet HTML 31Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 32Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 33Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 34Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 35Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 36Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 37Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 38Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 39Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
27
Track ID: JATR-2265-11 Rev. 1.5
7.13. LED Configuration
The RTL8211E-VB(VL)/RTL8211EG-VB supports three LED pins, suitable for multiple types of
applications that can directly drive the LEDs. The output of these pins is determined by setting the
corresponding bits in extension Page44 Register 28 and Register 26. The functionality of the
RTL8211E-VB(VL)/RTL8211EG-VB LEDs is shown in Table 17.
Table 17. LED Default Definitions
Pin
Description
LED0
Blinking=Transmitting or Receiving
LED1
Low=Link Up (Any speed)
High=Link Down (Any speed)
LED2
Low=Link Up (Any speed)
High=Link Down (Any speed)
Blinking=Transmitting or Receiving
Note: When in EEE mode, blinking duration is 400ms ON and 2 seconds OFF.
The RTL8211E-VB(VL)/RTL8211EG-VB LED pins can be customized from extension Page 44
Register 28 and Register 26. To change the register page, see note (below) and Table 18. There are 16
configuration types (see Table 19, page 28).
Note: To switch to extension Page44, set Register 31 Data=0x0007 (set to extension page). Set Register 30
Data=0x002c (extension Page44). After LED setting, switch to PHY`s Page0 (Register 31 Data=0000).
Table 18. LED Register Table
LINK Speed
Active (Tx/Rx)
10Mbps
100Mbps
1000Mbps
LED0
Reg28 Bit0
Reg28 Bit1
Reg28 Bit2
Reg26 Bit4
LED1
Reg28 Bit4
Reg28 Bit5
Reg28 Bit6
Reg26 Bit5
LED2
Reg28 Bit8
Reg28 Bit9
Reg28 Bit10
Reg26 Bit6


Similar Part No. - RTL8211E-VL

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VL REALTEK-RTL8211E-VL Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VL REALTEK-RTL8211E-VL Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VL REALTEK-RTL8211E-VL Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VL-CG REALTEK-RTL8211E-VL-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VL-CG REALTEK-RTL8211E-VL-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211E-VL

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com