Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8211E-VL-CG Datasheet(PDF) 65 Page - Realtek Semiconductor Corp.

Part # RTL8211E-VL-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211E-VL-CG Datasheet(HTML) 65 Page - Realtek Semiconductor Corp.

Back Button RTL8211E-VL-CG Datasheet HTML 61Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 62Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 63Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 64Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 65Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 66Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 67Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 68Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 69Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
57
Track ID: JATR-2265-11 Rev. 1.5
10.5. DC Characteristics
Table 54. DC Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Units
VDD33, AVDD33
3.3V Supply Voltage
-
2.97
3.3
3.63
V
1. MDIO (Table 5)
2. RGMII/GMII I/O
(Table 3/Table 4)
2.5V RGMII/GMII Supply Voltage
-
2.37
2.5
2.62
V
1. MDIO (Table 5)
2. RGMII I/O
(Table 3)
1.5V RGMII Supply Voltage
-
1.43V
1.5V
1.9V
V
1. MDIO (Table 5)
2. RGMII I/O
(Table 3)
1.8V RGMII Supply Voltage
-
1.5V
1.8V
2.2V
V
DVDD10,
AVDD10
1.05V Supply Voltage
-
0.95
1.05
1.09
V
Voh (3.3V)
Minimum High Level Output Voltage
-
0.9*VDD33
-
VDD33
V
Voh (2.5V)
Minimum High Level Output Voltage
-
0.9*VDD25
-
VDD25
V
Voh (1.8V)
Minimum High Level Output Voltage
-
0.9*VDD18
-
VDD18
V
Voh (1.5V)
Minimum High Level Output Voltage
-
0.9*VDD15
-
VDD15
V
Vol (3.3V)
Maximum Low Level Output Voltage
-
0
-
0.1*VDD33
V
Vol (2.5V)
Maximum Low Level Output Voltage
-
0
-
0.1*VDD25
V
Vol (1.8V)
Maximum Low Level Output Voltage
-
0
-
0.1*VDD18
V
Vol (1.5V)
Maximum Low Level Output Voltage
-
0
-
0.1*VDD15
V
Vih (3.3V)
Minimum High Level Input Voltage
-
1.8
-
-
V
Vil (3.3V)
Maximum Low Level Input Voltage
-
-
-
0.9
V
Vih (2.5V)
Minimum High Level Input Voltage
-
1.7
-
-
V
Vil (2.5V)
Maximum Low Level Input Voltage
-
-
-
0.7
V
Vih (1.8V)
Minimum High Level Input Voltage
-
1.2
-
-
V
Vil (1.8V)
Maximum Low Level Input Voltage
-
-
-
0.5
V
Vih (1.5V)
Minimum High Level Input Voltage
-
1.0
-
-
V
Vil (1.5V)
Maximum Low Level Input Voltage
-
-
-
0.3
V
Iin
Input Current
Vin=VDD33
or GND
0
-
0.5
µA
Note: Pins not mentioned above remain at 3.3V.


Similar Part No. - RTL8211E-VL-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VL-CG REALTEK-RTL8211E-VL-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VL-CG REALTEK-RTL8211E-VL-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VL-CG REALTEK-RTL8211E-VL-CG Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211E-VL-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com