Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3AU-0512E Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P3AU-0512E
Description  1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT SIP4
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P3AU-0512E Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P3AU-0512E Datasheet HTML 1Page - PEAK electronics GmbH P3AU-0512E Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
MA SERIES
P3AU-XXXXE 1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT SIP4
Available Inputs:
5, 12 and 24 VDC
Available Outputs:
3.3, 5, 7.2, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
+/- 10 %
Filter
Capacitors
Isolation Specifications
Rated voltage
1000 VDC
Leakage current
1 mA
Resistance
10
9 Ohm
Capacitance
60 pF typ.
Output Specifications
Voltage accuracy
+/- 5 %, max.
Ripple and noise (at 20 MHz BW)
100 mV p-p, max.
Short circuit protection
Momentary
Line voltage regulation
+/- 1,2 % / 1,0 % of Vin
Load voltage regulation
+/- 8 %, load = 20 ~ 100 %
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
75 % to 85 %
Switching frequency
80 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
- 40° C to + 85° C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions SIP
11.68 x 6.00 x 10.16 mm
0.46 x 0,24 x 0,40 inches
Weight
1,8 g
Case material
Non conductive black plastic
Examples of Partnumbers
PART
NO.
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
P3AU-053R3E
5
16
133
3,3
150
74
P3AU-0505E
5
16
135
5
100
74
P3AU-057R2E
5
16
134
7,2
70
75
P3AU-0512E
5
16
133
12
42
76
P3AU-1205E
12
14
56
05
100
74
P3AU-1212E
12
14
55
12
42
76
P3AU-2405E
24
8
29
05
100
72


Similar Part No. - P3AU-0512E

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P3AU-0512ELF PEAK-P3AU-0512ELF Datasheet
147Kb / 3P
   PMA-SERIES
More results

Similar Description - P3AU-0512E

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6AU-0505 PEAK-P6AU-0505 Datasheet
229Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4
P10AU-053R3E PEAK-P10AU-053R3E Datasheet
241Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP4
P3BU-053R3E PEAK-P3BU-053R3E Datasheet
234Kb / 2P
   P3BU-XXXXE 1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT DIP8
P2AU-0505E PEAK-P2AU-0505E Datasheet
214Kb / 2P
   P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4
logo
List of Unclassifed Man...
PSD-0505 ETC-PSD-0505 Datasheet
294Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SMD
logo
PEAK electronics GmbH
P6DU-0505E PEAK-P6DU-0505E Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
P10IU-053R3E PEAK-P10IU-053R3E Datasheet
241Kb / 2P
   3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP4
P10CU-0505E PEAK-P10CU-0505E Datasheet
222Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
P10DU-0505E PEAK-P10DU-0505E Datasheet
253Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
P6IU-0505E PEAK-P6IU-0505E Datasheet
214Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT SIP4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com