Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8211E-VL Datasheet(PDF) 22 Page - Realtek Semiconductor Corp.

Part # RTL8211E-VL
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211E-VL Datasheet(HTML) 22 Page - Realtek Semiconductor Corp.

Back Button RTL8211E-VL Datasheet HTML 18Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8211E-VL Datasheet HTML 26Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
13
Track ID: JATR-3375-16 Rev. 1.6
7. Function Description
7.1. Transmitter
7.1.1.
RGMII/GMII (1000Mbps) Mode
The RTL8211E-VB(VL)/RTL8211EG-VB’s PCS layer receives data bytes from the MAC through the
RGMII/GMII interface and performs generation of continuous code-groups through 4D-PAM5 coding
technology. These code groups are passed through a waveform-shaping filter to minimize EMI effect, and
are transmitted onto the 4-pair CAT.5 cable at 125MBaud/s through a D/A converter.
7.1.2.
MII (100Mbps) Mode
The transmitted 4-bit nibbles (TXD[3:0]) from the MAC, clocked at 25MHz (TXCLK), are converted into
5B symbol code through 4B/5B coding technology, then through scrambling and serializing, are converted
to 125MHz NRZ and NRZI signals. The NRZI signals are passed to the MLT3 encoder, then to the D/A
converter and transmitted onto the media.
7.1.3.
MII (10Mbps) Mode
The transmit 4-bit nibbles (TXD[3:0]) from the MAC, clocked at 2.5MHz (TXCLK), are serialized into
10Mbps serial data. The 10Mbps serial data is converted into a Manchester-encoded data stream and is
transmitted onto the media by the D/A converter.
7.2. Receiver
7.2.1.
RGMII/GMII (1000Mbps) Mode
Input signals from the media first pass through the on-chip sophisticated hybrid circuit to subtract the
transmitted signal from the input signal for effective reduction of near-end echo. Afterwards, the received
signal is processed with state-of-the-art technology, such as adaptive equalization, BLW (Baseline
Wander) correction, cross-talk cancellation, echo cancellation, timing recovery, error correction, and
4D-PAM5 decoding. The 8-bit-wide data is recovered and is sent to the RGMII/GMII interface at a clock
speed of 125MHz. The Rx MAC retrieves the packet data from the receive RGMII/GMII interface and
sends it to the Rx Buffer Manager.
7.2.2.
MII (100Mbps) Mode
The MLT3 signal is processed with an ADC, equalizer, BLW (Baseline Wander) correction, timing
recovery, MLT3 and NRZI decoder, descrambler, 4B/5B decoder, and is then presented to the MII interface
in 4-bit-wide nibbles at a clock speed of 25MHz.


Similar Part No. - RTL8211E-VL

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VL REALTEK-RTL8211E-VL Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VL REALTEK-RTL8211E-VL Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VL REALTEK-RTL8211E-VL Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VL-CG REALTEK-RTL8211E-VL-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VL-CG REALTEK-RTL8211E-VL-CG Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211E-VL

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com