Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8211E-VL-CG Datasheet(PDF) 27 Page - Realtek Semiconductor Corp.

Part # RTL8211E-VL-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211E-VL-CG Datasheet(HTML) 27 Page - Realtek Semiconductor Corp.

Back Button RTL8211E-VL-CG Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 26Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 27Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 28Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 29Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 30Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 31Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
19
Track ID: JATR-2265-11 Rev. 1.4
Preamble suppression is the default setting of the RTL8211E/RTL8211EG after power-on. However, there
still must be at least one idle bit between operations.
The RTL8211E/RTL8211EG can share the same MDIO line. In switch/router applications, each port
should be assigned a unique address during the hardware reset sequence, and it can only be addressed via
that unique PHY address. For detailed information on the RTL8211E/RTL8211EG management registers,
see section 8 Register Descriptions, page 30.
Table 14. Management Frame Format
Management Frame Fields
Preamble
ST
OP
PHYAD
REGAD
TA
DATA
IDLE
Read
1…1
01
10
AAAAA
RRRRR
Z0
DDDDDDDDDDDDDDDD
Z
Write
1…1
01
01
AAAAA
RRRRR
10
DDDDDDDDDDDDDDDD
Z
Table 15. Management Frame Description
Name
Description
Preamble
32 Contiguous Logical 1’s Sent by the MAC on MDIO, along with 32 Corresponding Cycles on MDC.
This provides synchronization for the PHY.
ST
Start of Frame.
Indicated by a 01 pattern.
OP
Operation Code.
Read: 10
Write: 01
PHYAD
PHY Address.
Up to 4 PHYs can be connected to one MAC. This 2-bit field selects which PHY the frame is directed to.
REGAD
Register Address.
This is a 5-bit field that sets which of the 32 registers of the PHY this operation refers to.
TA
Turnaround.
This is a 2-bit-time spacing between the register address and the data field of a frame to avoid contention
during a read transaction. For a read transaction, both the STA and the PHY remain in a high-impedance state
for the first bit time of the turnaround. The PHY drives a zero bit during the second bit time of the turnaround
of a read transaction.
DATA
Data. These are the 16 bits of data.
IDLE
Idle Condition.
Not truly part of the management frame. This is a high impedance state. Electrically, the PHY’s pull-up
resistor will pull the MDIO line to a logical ‘1’.


Similar Part No. - RTL8211E-VL-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VL-CG REALTEK-RTL8211E-VL-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VL-CG REALTEK-RTL8211E-VL-CG Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VL-CG REALTEK-RTL8211E-VL-CG Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211E-VL-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com