Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8211E-VL-CG Datasheet(PDF) 63 Page - Realtek Semiconductor Corp.

Part # RTL8211E-VL-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211E-VL-CG Datasheet(HTML) 63 Page - Realtek Semiconductor Corp.

Back Button RTL8211E-VL-CG Datasheet HTML 59Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 60Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 61Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 62Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 63Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 64Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 65Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 66Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 67Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
55
Track ID: JATR-2265-11 Rev. 1.4
10.3. Crystal Requirements
Table 52. Crystal Requirements
Symbol
Description/Condition
Minimum
Typical
Maximum
Unit
Fref
Parallel Resonant Crystal Reference Frequency,
Fundamental Mode, AT-Cut Type.
-
25
-
MHz
Fref Stability
Parallel Resonant Crystal Frequency Stability,
Fundamental Mode, AT-Cut Type. Ta=0°C~70°C.
-30
-
+30
ppm
Fref Tolerance
Parallel Resonant Crystal Frequency Tolerance,
Fundamental Mode, AT-Cut Type. Ta=25°C.
-50
-
+50
ppm
Fref Duty Cycle
Reference Clock Input Duty Cycle.
40
-
60
%
ESR
Equivalent Series Resistance.
-
-
30
DL
Drive Level.
-
-
0.5
mW
Jitter
Broadband Peak-to-Peak Jitter1, 2
-
-
200
ps
Note 1: 25KHz to 25MHz RMS < 3ps.
Note 2: Broadband RMS < 9ps.
10.4. Oscillator/External Clock Requirements
Table 53. Oscillator/External Clock Requirements
Parameter
Condition
Minimum
Typical
Maximum
Unit
Frequency
-
-
25/50
-
MHz
Frequency Stability
Ta = 0°C~70°C
-30
-
30
ppm
Frequency Tolerance
Ta = 25°C
-50
-
50
ppm
Duty Cycle
-
40
-
60
%
Broadband Peak-to-Peak Jitter 1, 2
-
-
-
200
ps
Vpeak-to-peak
-
3.15
3.3
3.45
V
Rise Time (10%~90%)
-
-
-
10
ns
Fall Time (10%~90%)
-
-
-
10
ns
Operating Temperature Range
-
0
-
70
°C
Note 1: 25KHz to 25MHz RMS < 3ps.
Note 2: Broadband RMS < 9ps.


Similar Part No. - RTL8211E-VL-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VL-CG REALTEK-RTL8211E-VL-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VL-CG REALTEK-RTL8211E-VL-CG Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VL-CG REALTEK-RTL8211E-VL-CG Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211E-VL-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com