Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8211E-VB-CG Datasheet(PDF) 28 Page - Realtek Semiconductor Corp.

Part # RTL8211E-VB-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211E-VB-CG Datasheet(HTML) 28 Page - Realtek Semiconductor Corp.

Back Button RTL8211E-VB-CG Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 26Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 27Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 28Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 29Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 30Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 31Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 32Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
19
Track ID: JATR-3375-16 Rev. 1.6
7.10. MAC/PHY Interface
The RTL8211E-VB/RTL8211E-VL supports industry standards and is suitable for most off-the-shelf
MACs with an RGMII interface.
The RTL8211EG-VB supports industry standards and is suitable for most off-the-shelf MACs with GMII
and RGMII interfaces.
7.10.1. MII
In 100Base-TX and 10Base-T modes (MII mode is selected), TXC and RXC sources are 25MHz and
2.5MHz respectively. TXC and RXC will always be generated by the PHY. TXD[3:0] and RXD[3:0]
signals are used for data transitions.
7.10.2. GMII
In 1000Base-T mode (GMII interface is selected), a 125MHz transmit clock is expected on GTX_CLK.
RXCLK sources the 125MHz receive clock.
7.10.3. RGMII
In 1000Base-T mode (RGMII interface is selected), TXC and RXC sources are 125MHz. TXC will always
be generated by the MAC and RXC will always be generated by the PHY. TXD[3:0] and RXD[3:0] signals
are used for data transitions on rising edge and on falling edge of clock.
7.10.4. Management Interface
The management interface provides access to the internal registers through the MDC and MDIO pins as
described in IEEE 802.3u section 22. The MDC signal, provided by the MAC, is the management data
clock reference to the MDIO signal. The MDIO is the management data input/output and is a bi-directional
signal that runs synchronously to MDC. The MDIO pin needs a 1.5k Ohm pull-up resistor to maintain the
MDIO high during idle and turnaround.
Preamble suppression is the default setting of the RTL8211E-VB(VL)/RTL8211EG-VB after power-on.
However, there still must be at least one idle bit between operations.
The RTL8211E-VB(VL)/RTL8211EG-VB can share the same MDIO line. In switch/router applications,
each port should be assigned a unique address during the hardware reset sequence, and it can only be
addressed
via
that
unique
PHY
address.
For
detailed
information
on
the
RTL8211E-VB(VL)/RTL8211EG-VB management registers, see section 8 Register Descriptions, page 30.


Similar Part No. - RTL8211E-VB-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211E-VB-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com