Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHS5443T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTHS5443T1G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHS5443T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTHS5443T1G Datasheet HTML 1Page - ON Semiconductor NTHS5443T1G Datasheet HTML 2Page - ON Semiconductor NTHS5443T1G Datasheet HTML 3Page - ON Semiconductor NTHS5443T1G Datasheet HTML 4Page - ON Semiconductor NTHS5443T1G Datasheet HTML 5Page - ON Semiconductor NTHS5443T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTHS5443
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
−6 V
125
°C
−1.6 V
0
10
2.5
8
6
3
1.5
1
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
4
2
0
0.5
Figure 1. On−Region Characteristics
0.5
10
8
2
1.5
2.5
6
4
2
1
0
3
Figure 2. Transfer Characteristics
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.05
24
0.15
0.1
0
6
Figure 3. On−Resistance versus
Gate−to−Source Voltage
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
19
10
8
5
0.06
4
0.04
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
−ID, DRAIN CURRENT (AMPS)
−50
0
−25
25
1.4
1.2
1
0.8
0.6
50
125
100
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
VGS = −1.4 V
0.2
13
TJ = −55°C
ID = −3.6 A
TJ = 25°C
0.08
0.02
75
150
TJ = 25°C
ID = −3.6 A
VGS = −4.5 V
2
25
°C
1.6
VGS = −4.5 V
VGS = −6 V
−1.8 V
−2 V
−2.2 V
−2.4 V
−3.4 V
−5 V
−4 V
−2.8 V
−2.6 V
VDS ≥ −10 V
05
7
6
23
04
8
1000
100
10
20
16
Figure 6. Drain−to−Source Leakage Current
versus Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
12
VGS = 0 V
10,000
TJ = 150°C
TJ = 100°C


Similar Part No. - NTHS5443T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS5441 ONSEMI-NTHS5441 Datasheet
66Kb / 6P
   ??0 V, ??.3 A, P?묬hannel ChipFET
July, 2005 ??Rev. 13
NTHS5441T1 ONSEMI-NTHS5441T1 Datasheet
66Kb / 6P
   ??0 V, ??.3 A, P?묬hannel ChipFET
July, 2005 ??Rev. 13
NTHS5441T1G ONSEMI-NTHS5441T1G Datasheet
66Kb / 6P
   ??0 V, ??.3 A, P?묬hannel ChipFET
July, 2005 ??Rev. 13
NTHS5445T1 ONSEMI-NTHS5445T1 Datasheet
206Kb / 8P
   Power MOSFET P?묬hannel ChipFET-TM
February, 2005 ??Rev. XXX
More results

Similar Description - NTHS5443T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com