Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1141L Datasheet(PDF) 5 Page - New Japan Radio

Part # NJW1141L
Description  AUDIO PROCESSOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1141L Datasheet(HTML) 5 Page - New Japan Radio

  NJW1141L Datasheet HTML 1Page - New Japan Radio NJW1141L Datasheet HTML 2Page - New Japan Radio NJW1141L Datasheet HTML 3Page - New Japan Radio NJW1141L Datasheet HTML 4Page - New Japan Radio NJW1141L Datasheet HTML 5Page - New Japan Radio NJW1141L Datasheet HTML 6Page - New Japan Radio NJW1141L Datasheet HTML 7Page - New Japan Radio NJW1141L Datasheet HTML 8Page - New Japan Radio NJW1141L Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NJW1141
-5 -
s
s
s
s I
2C BUS BLOCK CHARACTERISTICS (SDA,SCL)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
High Level Input Voltage
VIH
3.0
-
5.0
V
Low Level Input Voltage
VIL
0
-
1.5
V
High Level Input Current
IIH
-
-
10
µA
Low Level Input Current
IIL
-
-
10
µA
Low Level Output Voltage (3mA at SDA pin)
VOL
0
-
0.4
V
Maximum Output Current
IOL
-3.0
-
-
mA
Maximum Clock Frequency
fSCL
-
-
100
kHz
Data Change Minimum Waiting Time
tBUF
4.7
-
-
µs
Data Transfer Start Minimum Waiting Time
tHD:STA
4.0
-
-
µs
Low Level Clock Pulse Width
tLOW
4.7
-
-
µs
High Level Clock Pulse Width
tHIGH
4.0
-
-
µs
Minimum Start Preparation Waiting Time
tSU:STA
4.7
-
-
µs
Minimum Data Hold Time
tHD:DAT
0
-
3.45
µs
Minimum Data Preparation Time
tSU:DAT
250
-
-
ns
Rise Time
tR
-
-
1.0
µs
Fall Time
tF
-
-
300
ns
Minimum Stop Preparation Waiting Time
tSU:STO
4.0
-
-
µs
I
2C BUS Load Condition:Pull up resistance 4k
Ω (Connected to +5V)
Load capacitance 200pF (Connected to GND)
SDA
SCL
tBUF
tHD:STA
Sr
P
tLOW
tR
tHD:DAT
tHIGH
tF
tSU:DAT
S
P
tSU:STA
tSU:STO
tHD:STA


Similar Part No. - NJW1141L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1140 NJRC-NJW1140 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJW1140GK1 NJRC-NJW1140GK1 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
NJW1143M NJRC-NJW1143M Datasheet
160Kb / 17P
   AUDIO PROCESSOR
More results

Similar Description - NJW1141L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
NJW1138 NJRC-NJW1138 Datasheet
352Kb / 21P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
NJW1173 NJRC-NJW1173 Datasheet
155Kb / 17P
   AUDIO PROCESSOR
NJW1172 NJRC-NJW1172 Datasheet
604Kb / 23P
   AUDIO PROCESSOR
NJW1165 NJRC-NJW1165 Datasheet
508Kb / 25P
   AUDIO PROCESSOR
logo
Analog Devices
SST-MELODY-DAP AD-SST-MELODY-DAP_15 Datasheet
589Kb / 24P
   Audio Processor
logo
New Japan Radio
NJW1144 NJRC-NJW1144 Datasheet
774Kb / 24P
   AUDIO PROCESSOR
NJW1145 NJRC-NJW1145 Datasheet
567Kb / 24P
   AUDIO PROCESSOR
NJW1133A NJRC-NJW1133A Datasheet
347Kb / 20P
   AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com