Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7712 Datasheet(PDF) 16 Page - OKI electronic componets

Part # MSM7712
Description  Wireless LAN Baseband Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7712 Datasheet(HTML) 16 Page - OKI electronic componets

Back Button MSM7712 Datasheet HTML 12Page - OKI electronic componets MSM7712 Datasheet HTML 13Page - OKI electronic componets MSM7712 Datasheet HTML 14Page - OKI electronic componets MSM7712 Datasheet HTML 15Page - OKI electronic componets MSM7712 Datasheet HTML 16Page - OKI electronic componets MSM7712 Datasheet HTML 17Page - OKI electronic componets MSM7712 Datasheet HTML 18Page - OKI electronic componets MSM7712 Datasheet HTML 19Page - OKI electronic componets MSM7712 Datasheet HTML 20Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
s MSM7712 s –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
16
Oki Semiconductor
AC Characteristics
Processor Interface
The MSM7712 is designed to operate with the V80C86, V33, V53A, and 80C186 processors. Refer to the
appropriate processor data sheets for detailed information.
Host Interface
The MSM7712 meets the timing requirements of the PCMCIA interface. Wait states are used to provide
the access times to the shared RAM when required.
Shared Memory Interface
The shared memory cycle time is 2 RCK clock periods. When the memory interface is not active the data
bus RD[15:0] is output (low). This ensures the shared memory data bus does not float and consume
power.
1.
RCK at 16 MHz.
Shared Memory Timing [1]
Parameter
Description
Min.
Typ.
Max.
Unit
tS(RCE)
Setup time of address, WR strobe and data output to RCE asserted
20
-
-
ns
tH(RCE)
Hold time of address, WR strobe and data output to RCE deasserted
10
-
-
tRCE
RCE low period (with 16/32 MHz SCK)
85
-
-
tS(D-CE)
Setup time of read data to RCE deasserted
10
-
-
tACC
RAM access time Tce -Ts (d-rce)
75
-
-
tH(RCE-D)
Hold time of read data to RCE deasserted
0
-
-
tH(CYC)
Hold time before data bus driven low
50
-
70
Figure 6. Shared Memory Timing
RA[], RWRN
RCEHN, RCELN
RD[], READ
RD[], WRITE
TS(RCE)
TRCE
TB(RCE)
TS(D-RCE)
TH(RCE-D)
TH(CYC)


Similar Part No. - MSM7712

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7715 OKI-MSM7715 Datasheet
150Kb / 21P
   Multi-Function Telecommunication LSI
MSM7716 OKI-MSM7716 Datasheet
163Kb / 22P
   Single Rail Linear CODEC
MSM7716GS-K OKI-MSM7716GS-K Datasheet
163Kb / 22P
   Single Rail Linear CODEC
MSM7716P OKI-MSM7716P Datasheet
155Kb / 23P
   Single Rail Linear CODEC
MSM7716PMB OKI-MSM7716PMB Datasheet
155Kb / 23P
   Single Rail Linear CODEC
More results

Similar Description - MSM7712

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3886 INTERSIL-ISL3886 Datasheet
43Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
STMicroelectronics
STLC8201 STMICROELECTRONICS-STLC8201 Datasheet
84Kb / 5P
   DUAL BAND WIRELESS LAN BASEBAND PROCESSOR
logo
Level One
WAC-1000 LVL1-WAC-1000 Datasheet
1,006Kb / 4P
   Wireless LAN Controller
WAC-1001 LVL1-WAC-1001 Datasheet
1,005Kb / 4P
   Gigabit Wireless LAN Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com