Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM7712 Datasheet(PDF) 6 Page - OKI electronic componets

Part No. MSM7712
Description  Wireless LAN Baseband Controller
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM7712 Datasheet(HTML) 6 Page - OKI electronic componets

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
s MSM7712 s –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
6
Oki Semiconductor
Processor Interface Signal Descriptions
Pin Name
Direction
Description
PA[17:16]
Input
Provides the high address pins to the MSM7712. The usage depends on the shared memory size. The address
space usage of the MSM7712 is 256 kbytes comprising MSM7712 registers and shared RAM.
PCSN
Input
Provides a processor chip select to the MSM7712. From reset, this pin is ignored and all processor accesses
use the MSM7712. The pin can then be configured by software to be active high or active low.
PD[15:0]
Bidirectional
Provides the data bus and low addresses. The 80C86 and 80C186 processors have a multiplexed address/
data bus and are connected directly to PD [15:0]. The MSM7712 configuration is provided on these pins dur-
ing reset. During reset (HRST asserted), the processor is reset and these pins are configured as input pins.
The configuration is set by weak pull-up and pull-down resistors on PD [7:0]. Following reset and when the
processor is not reset, the bus operates normally. See the Configuration Section for detailed options.
PST[2:0]
Input
Provides Processor Status to the MSM7712. Typically this differentiates between memory and I/O reads and
writes.
PREAD
This pin is reserved for future product enhancements.
PUBE
Input
In conjunction with PD[0], this signal provides a decode of even byte, odd byte, or word accesses by the pro-
cessor. The MSM7712 registers are accessed as words and the processor and shared RAMs can be accessed
as bytes or words.
PCLKOUT
Input
Within a 80C186 processor-based system, CLKOUT should be connected to PCLKOUT pin. This is required
such that PREADYN timing requirements relative to CLKOUT are met.
PREADYN
Input
This pin signals the processor that the bus cycle is complete. The only accesses that potentially require wait
states are those to the shared RAM. The shared RAM is accessed by the MSM7712 host (via PCMCIA) and
processor on a priority basis. This means the shared RAM may be busy when the processor requests an ac-
cess and hence wait states are inserted until the shared RAM is available.
PINTN
Output
One interrupt is provided from the MSM7712 to the processor. A fixed interrupt vector is provided on the data
bus for interrupt acknowledge cycles. Although described as active low (by the xxxN convention), the pin state
is active high or low depending on the processor selected.
PRESETN
Output
The processor is reset via the host computer with this signal. From card reset, the processor is typically held
in reset until the program code is downloaded from the host. Although described as active low (by the xxxN
convention) the pin state is active high or low depending on the processor selected.
PCLK
Output
The processor clock is provided by the MSM7712. From power up PCLK is set at SCK divided by 8. A register
programs PCLK to be from SCK to SCK divided by 8. The PCLK frequency selection allows a processor to op-
erate at either low power or maximum performance. Within a 80C186 system, the processor is synchronized
to the MSM7712 by monitoring the processor CLKOUT signal and skipping PCLK periods if necessary. All pro-
cessor types must use this clock. The MSM7712 expects the processor bus interface timing to be synchro-
nized with this clock signal.
Note: SCLK is typically 16 MHz or 32 MHz depending on which modem and processor is being used.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn