Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SA1300 Datasheet(PDF) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

Part No. 2SA1300
Description  TRANSISTOR (PNP)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KOOCHIN [SHENZHEN KOO CHIN ELECTRONICS CO., LTD.]
Homepage  http://www.hz-dz.net
Logo KOOCHIN - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

2SA1300 Datasheet(HTML) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

  2SA1300 Datasheet HTML 1Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD. 2SA1300 Datasheet HTML 2Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SA1300
TRANSISTOR (PNP)
FEATURES
High DC Current gain and excellent hFE linearity
Low saturation voltage
MAXIMUM RATINGS (TA=25
unless otherwise noted
)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-20
V
VCEO
Collector-Emitter Voltage
-10
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current -Continuous
-2
A
PC
Collector Power Dissipation
0.75
W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-1mA , IE=0
-20
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA ,
IB=0
-10
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA, IC=0
-6
V
Collector cut-off current
ICBO
VCB=-20 V ,
IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=-6 V ,
IC=0
-0.1
µA
DC current gain
hFE
VCE=-1V,
IC=-0.5A
140
600
Collector-emitter saturation voltage
VCE(sat)
IC=-2A, IB= -100mA
-0.82
V
Base-emitter voltage
VBE
IC= -2A, VCE=-1V
-1.5
V
Transition frequency
f T
VCE=-1V, IC= -0.5A
f = 30MHz
140
MHz
Collector Output Capacitance
Cob
VCB=-10V,IE=0
f=1MHZ
50
pF
CLASSIFICATION OF
hFE
Rank
Y
GR
BL
Range
140-280
200-400
300-600
1 2 3
TO-92
1. EMITTER
2. COLLECTOR
3. BASE


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn