Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1163 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJW1163
Description  AUDIO PROCESSOR with Subwoofer Output
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1163 Datasheet(HTML) 2 Page - New Japan Radio

  NJW1163 Datasheet HTML 1Page - New Japan Radio NJW1163 Datasheet HTML 2Page - New Japan Radio NJW1163 Datasheet HTML 3Page - New Japan Radio NJW1163 Datasheet HTML 4Page - New Japan Radio NJW1163 Datasheet HTML 5Page - New Japan Radio NJW1163 Datasheet HTML 6Page - New Japan Radio NJW1163 Datasheet HTML 7Page - New Japan Radio NJW1163 Datasheet HTML 8Page - New Japan Radio NJW1163 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
NJW1163/A
- 2 -
s
s
s
sPIN CONFIGURATION
No.
Symbol
Function
No.
Symbol
Function
1
INa
Ach input terminal
17
V+
Supply voltage terminal
2
SR-FIL
Surround filter terminal
18
Vref
Reference voltage terminal
3
SS-FIL
Simulated stereo filter terminal
19
CSR
DAC output terminal for surround control
4
TONE-Ha
Ach tone control (treble) filter terminal
20
CTL
DAC output terminal for tone control (bass)
5
TONE-La
Ach tone control (bass) filter terminal
21
CTH
DAC output terminal for tone control (treble)
6
OUTw
Subwoofer output terminal
22
CVW
Bch DAC output terminal for LPF trimmer
7
OUTa
Ach output terminal
23
CVB
Bch DAC output terminal for volume and balance
8
AGC1
AGC attack and recovery time setting terminal
24
CVA
Ach DAC output terminal for volume and balance
9
AUX0
(✳)
Auxiliary 3 values voltage output terminal
(0.0V, 2.5V, 5V)
25
AGC2
AGC boost level setting terminal
10
AUX1
Auxiliary 2 values voltage output terminal
(0.0V, V+)
26
OUTb
Bch output terminal
11
PORT0
Logic input terminal
27
TONE-Lb
Bch tone control (bass) filter terminal
12
PORT1
Logic input terminal
28
TONE-Hb
Bch tone control (treble) filter terminal
13
ADR
Slave address setting terminal
29
LF1
LPF filter1 terminal
14
SDA
I
2C data terminal
30
LF3
LPF filter3 terminal
15
SCL
I
2C cock terminal
31
LF2
LPF filter2 terminal
16
GND
Ground terminal
32
INb
Bch input terminal
(✳) The AUX0 terminal should be connected via the protection resistance to 5V device.
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
30
29
28
27
26
INa
SR-FIL
SS-FIL
TONE-La
OUTa
TONE-Ha
OUTW
AGC1
AUX0
PORT0
PORT1
SDA
SCL
GND
INb
LF2
LF3
TONE-Hb
TONE-Lb
OUTb
AGC2
CVA
CTH
25
24
23
22
21
CTL
CSR
V+
20
19
18
17
31
LF1
AUX1
16
32
ADR
CVB
Vref
CVW


Similar Part No. - NJW1163

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1160L NJRC-NJW1160L Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1160M NJRC-NJW1160M Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
NJW1161L NJRC-NJW1161L Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
More results

Similar Description - NJW1163

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1176 NJRC-NJW1176 Datasheet
254Kb / 27P
   AUDIO PROCESSOR with Subwoofer Output
NJW1166 NJRC-NJW1166 Datasheet
245Kb / 25P
   AUDIO PROCESSOR with Subwoofer Output
NJW1167 NJRC-NJW1167 Datasheet
249Kb / 25P
   AUDIO PROCESSOR with Subwoofer Output
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
NJW1168 NJRC-NJW1168 Datasheet
505Kb / 34P
   AUDIO PROCESSOR with Input Selector and Subwoofer Output
logo
Princeton Technology Co...
PT2348 PTC-PT2348 Datasheet
235Kb / 5P
   4.1-Channel Audio Processor with Subwoofer
PT2348 PTC-PT2348_10 Datasheet
244Kb / 5P
   4.1-Channel Audio Processor with Subwoofer
PT2033 PTC-PT2033 Datasheet
284Kb / 5P
   2.1 Channel Audio Processor with Subwoofer Out
logo
STMicroelectronics
TDA7429L STMICROELECTRONICS-TDA7429L Datasheet
114Kb / 16P
   3 BAND EQUALIZER AUDIO PROCESSOR WITH SUBWOOFER CONTROL
March 2000
TDA7462 STMICROELECTRONICS-TDA7462 Datasheet
377Kb / 25P
   DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com