Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT92220 Datasheet(PDF) 27 Page - Zarlink Semiconductor Inc

Part # MT92220
Description  1023 Channel Voice Over IP/AAL2 Processor
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT92220 Datasheet(HTML) 27 Page - Zarlink Semiconductor Inc

Back Button MT92220 Datasheet HTML 23Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 24Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 25Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 26Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 27Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 28Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 29Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 30Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 31Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 210 page
background image
Data Sheet
MT92220
27
Zarlink Semiconductor Inc.
destination. Both IP packets and AAL2 mini-packets go through this memory. The AAL2 mini-packets are
assembled into cells on the other side of the memory. Packets from the packet assembly module can be routed to
any one of the TX link buffers or to the packet identifier for internal loopback functionality.
Packets going to the disassembly module use a similar scheme: a 2K-byte memory is used for the packets and a
128-byte memory for the handles. In this case, the AAL2 cells are broken down into mini-packets before going to
the memory.
Near the TX link layer interface, the network module uses 512-byte buffers to transfer packets between the SDRAM
and the link layer interfaces. There are 4 buffers used for this purpose: 1 destined to TX link A, 1 to TX link B, 1 from
RX link A and 1 from RX link B. These buffers can be smaller because the system operates flawlessly even if the
entire packet is not contained in the buffer at any one time.
Cells contained in external memory are stored in the SSRAM and free cells are allocated as the various modules
within the chip request them. The cells are also managed in a linked list, in the same way as the packet are.
However, since each cell is individual (i.e. not part of a packet comprised of many blocks) they are only linked when
they are free: when a cell is allocated and contains valid data, its link is not used. Whenever cells are allocated, the
pointer to the cell is added to a cell queue, which contains all cells going to a given destination. The following
figures indicate the format of raw cells in queues, depending on whether the cell is allocated or free:
Figure 9 - Raw Cell Format (used cell)
Field
Description
Multicast Sum
Used in TX. When Cell is queued in multiple TX queues this is decremented each
time the cell is sent and the TX queue that decrements it to 0 frees the cell memory.
AAL2/AAL5 VC
Number
In AAL5, this points to a Packet Reassembly structure. In AAL2, this points to an RX
AAL2 VC structure.
PN
Port Number. Used in RX. Source port of this cell. Used to indicate, in the RX AAL0
FIFO, where cells originated. “00” = RX port A, “01” = RX port B; “10” = TX AAL2;
“11” = TX CPU.
Table 9 - Fields and Description
b24
b25
b26
b27
b28
b29
b30
b31
+0
b16
b17
b18
b19
b20
b21
b22
b23
b8
b9
b10
b11
b12
b13
b14
b15
b0
b1
b2
b3
b4
b5
b6
b7
+4
+8
+C
+10
+14
+18
+1C
+20
+24
+28
+2C
+30
+34
+38
+3C
Cell Header[31:0]
Cell Payload
Cell Payload
Cell Payload
Cell Payload
Cell Payload
Cell Payload
Cell Payload
Cell Payload
Cell Payload
Cell Payload
Cell Payload
Cell Payload
AAL2 / AAL5 VC Number [15:0]
PN
Multicast Sum


Similar Part No. - MT92220

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT92210 ZARLINK-MT92210 Datasheet
1Mb / 175P
   1023 Channel Voice Over IP Processor
More results

Similar Description - MT92220

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT92210 ZARLINK-MT92210 Datasheet
1Mb / 175P
   1023 Channel Voice Over IP Processor
logo
STMicroelectronics
STLC1502 STMICROELECTRONICS-STLC1502 Datasheet
526Kb / 81P
   VOICE OVER IP PROCESSOR
logo
ELAN Microelectronics C...
EM7A8620 EMC-EM7A8620 Datasheet
366Kb / 18P
   Voice over IP
logo
PCA ELECTRONICS INC.
EPR1561F1 PCA-EPR1561F1 Datasheet
24Kb / 1P
   Voice Over IP Application
logo
XFMRS Inc.
XFVOIP-04 XFMRS-XFVOIP-04_15 Datasheet
60Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-04 XFMRS-XFVOIP-04 Datasheet
60Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-04QS XFMRS-XFVOIP-04QS Datasheet
50Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-04 XFMRS-XFVOIP-04 Datasheet
48Kb / 1P
   VOICE OVER IP MAGNETICS
logo
Silicon Laboratories
SI3404 SILABS-SI3404 Datasheet
659Kb / 25P
   Voice over IP telephones
logo
XFMRS Inc.
XFVOIP-08 XFMRS-XFVOIP-08 Datasheet
43Kb / 1P
   VOICE OVER IP MAGNETICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com