Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT92220 Datasheet(PDF) 82 Page - Zarlink Semiconductor Inc

Part # MT92220
Description  1023 Channel Voice Over IP/AAL2 Processor
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT92220 Datasheet(HTML) 82 Page - Zarlink Semiconductor Inc

Back Button MT92220 Datasheet HTML 78Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 79Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 80Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 81Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 82Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 83Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 84Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 85Page - Zarlink Semiconductor Inc MT92220 Datasheet HTML 86Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 210 page
background image
Data Sheet
MT92220
82
Zarlink Semiconductor Inc.
One of the most important characteristics of the generation of AAL2 packets is that it uses the bus timestamp to
synchronize and generate the sequence number within the UUI. This has many advantages, notably deterministic
behavior of the sequence numbers and the synchronization of different channels' sequence numbers together,
allowing completely synchronized transport of several voice channels across many AAL2 connections. The UUI
sequence number is extracted by dividing the current timestamp by the Sequence Number Interval, then
performing a modulo by the total sequence number sequence size. For example, if the Sequence Number Interval
is 40 frames and 4 sequence number bits are used, the operation is (timestamp / 40) % (2^4). These operation
must also take into account the fact that the timestamp can wrap: the Timestamp Remainder and Timestamp Wrap
Inc fields take care of that. Timestamp Wrap Inc must be programmed to: 232 % ((Sequence Number Interval *
(2Num Seq Bits).
The format of the TX AAL2 connection structure is the following:
Figure 47 - TX AAL2 Connection Structure
b8
b9
b10
b11
b12
b13
b14
b15
+0
b0
b1
b2
b3
b4
b5
b6
b7
+2
+A
+10
+12
+14
Transmitted Packet Count [15:0]
+6
+4
+8
+16
+18
Transmitted Octet Count [31:16]
Transmitted Octet Count [15:0]
+1A
+1C
TX AAL2 VC Structure Base Address [20:5]
+1E
+20
+22
+24
+C
+E
+26
AAL2 CID [7:0]


Similar Part No. - MT92220

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT92210 ZARLINK-MT92210 Datasheet
1Mb / 175P
   1023 Channel Voice Over IP Processor
More results

Similar Description - MT92220

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT92210 ZARLINK-MT92210 Datasheet
1Mb / 175P
   1023 Channel Voice Over IP Processor
logo
STMicroelectronics
STLC1502 STMICROELECTRONICS-STLC1502 Datasheet
526Kb / 81P
   VOICE OVER IP PROCESSOR
logo
ELAN Microelectronics C...
EM7A8620 EMC-EM7A8620 Datasheet
366Kb / 18P
   Voice over IP
logo
PCA ELECTRONICS INC.
EPR1561F1 PCA-EPR1561F1 Datasheet
24Kb / 1P
   Voice Over IP Application
logo
XFMRS Inc.
XFVOIP-04 XFMRS-XFVOIP-04_15 Datasheet
60Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-04 XFMRS-XFVOIP-04 Datasheet
60Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-04QS XFMRS-XFVOIP-04QS Datasheet
50Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-04 XFMRS-XFVOIP-04 Datasheet
48Kb / 1P
   VOICE OVER IP MAGNETICS
logo
Silicon Laboratories
SI3404 SILABS-SI3404 Datasheet
659Kb / 25P
   Voice over IP telephones
logo
XFMRS Inc.
XFVOIP-08 XFMRS-XFVOIP-08 Datasheet
43Kb / 1P
   VOICE OVER IP MAGNETICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com