Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC4515M1R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4515M1R
Description  HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4515M1R Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4515M1R Datasheet HTML 1Page - STMicroelectronics M74HC4515M1R Datasheet HTML 2Page - STMicroelectronics M74HC4515M1R Datasheet HTML 3Page - STMicroelectronics M74HC4515M1R Datasheet HTML 4Page - STMicroelectronics M74HC4515M1R Datasheet HTML 5Page - STMicroelectronics M74HC4515M1R Datasheet HTML 6Page - STMicroelectronics M74HC4515M1R Datasheet HTML 7Page - STMicroelectronics M74HC4515M1R Datasheet HTML 8Page - STMicroelectronics M74HC4515M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
M74HC4514
M74HC4515
October 1993
HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
HC4514: 4 TO 16 LINE DECODER/LATCH
B1R
(Plastic Package)
ORDER CODES :
M74HCXXXXM1R
M74HCXXXXB1R
M1R
(Micro Package)
PIN CONNECTIONS (top view)
DESCRIPTION
.
HIGH SPEED
tPD = 18 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC(OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
4514B/4515B
The 74HC4514 and the 74HC4515 are high speed
CMOS 4-LINE TO 16-LINE DECODERS WITH
LATCHED INPUTS fabricated in silicon gate
C
2MOS technology. They have the same high
speed performance of LSTTL combined with true
CMOS low power consumption.
A binary code stored in the four input latches (A to
D) provides a high level (HC4514) or a low level
(HC4515) at the selected one of sixteen outputs ex-
cluding the other fifteen outputs, when the inhibit
input (INHIBIT) is held low. When the inhibit input is
held high, all outputs are kept low level (HC4514) or
high level (HC4515), while the latch function is avail-
able. The data applied to the data inputs are trans-
fered to the Q outputs of latches when the strobe
input is held high. When the strobe input is taken
low, the information data applied to the data input at
a time is retained at the output of the latches. All in-
puts are equipped with protection circuits against
static discharge and transient excess voltage.
HC4515
HC4514
1/10


Similar Part No. - M74HC4515M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4515M1R STMICROELECTRONICS-M74HC4515M1R Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
More results

Similar Description - M74HC4515M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
   4 TO 16 LINE DECODER/LATCH
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
   4-to-16 Line Decoder/Latch
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
   4-TO-16 LINE DECODER/LATCH
logo
Fairchild Semiconductor
MM74HC4514 FAIRCHILD-MM74HC4514_03 Datasheet
78Kb / 7P
   4-to-16 Line Decoder with Latch
MM74HC4514 FAIRCHILD-MM74HC4514 Datasheet
73Kb / 7P
   4-to-16 Line Decoder with Latch
logo
Hitachi Semiconductor
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
   4-bit Latch/4-to-16-line Decoder
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
   4-BIT LATCH/4-TO-16 LINE DECODER
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
   4-bit Latch/4-to-16-line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com