Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM-S-109DFP1-F Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SM-S-109DFP1-F
Description  Miniature High Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SM-S-109DFP1-F Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SM-S-109DFP1-F Datasheet HTML 1Page - Sanyou Corporation Limited SM-S-109DFP1-F Datasheet HTML 2Page - Sanyou Corporation Limited SM-S-109DFP1-F Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM P
-
2/4
VDE
40031353
UL
E190598
Outline Dimensions Wiring Diagram P C Board Layout unit mm
,, . .
(
:
)
Safety Approval Ratings
Ordering Information
SM -- 1 12
SD
M
P
--
FXX
P SM P
A
at
mm pinning
-
1 ,16
105℃
5.0
Coil Voltage VDC
(
): 05,06,09,12,15,18,24,48,60,110
1
Contact Material
Nil AgNi
AgSnO2
-
, 1-
, 2-
2
AgSnO and AgNi
*
()


Similar Part No. - SM-S-109DFP1-F

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
SM-SERIES OMEGA-SM-SERIES Datasheet
351Kb / 2P
   Sub-D Type Connectors Low Cost Crimp-Style
logo
BCM Advanced Research.
SM-SKLH-6440 BCM-SM-SKLH-6440 Datasheet
597Kb / 1P
   6th Gen Intel Core ™ Processor i7/i5/i3 Type6 COMe Basic Module with Intel® QM170 Chipset
2021/02/12
SM-SKLU-6100U BCM-SM-SKLU-6100U Datasheet
391Kb / 1P
   6th Gen Intel® Core™ SoC ULT Processor i7/i5/i3 Type6 Compact COMe Module
2021/02/12
logo
Mini-Circuits
SM-SM50 MINI-SM-SM50 Datasheet
49Kb / 1P
   Adapter, SMA-M to SMA-M 50W DC to 18 GHz
More results

Similar Description - SM-S-109DFP1-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com