Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C109-20ZC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C109-20ZC
Description  128K x 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C109-20ZC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C109-20ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C109-20ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C109-20ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C109-20ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C109-20ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C109-20ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C109-20ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C109-20ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C109-20ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY7C109
CY7C1009
Document #: 38-05032 Rev. **
Page 2 of 12
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC to Relative GND
[1] .... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[1] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[1] ................................–0.5V to VCC + 0.5V
Current into Outputs (LOW) .........................................20 mA
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature[2]
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial
−40°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range[3]
Test Conditions
7C109-10
7C1009-10
7C109-12
7C1009-12
7C109-15
7C1009–15
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.,
IOH = –4.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min.,
IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
+ 0.3
2.2
VCC
+ 0.3
2.2
VCC
+ 0.3
V
VIL
Input LOW Voltage[1]
–0.3
0.8
–0.3
0.8
–0.3
0.8
V
IIX
Input Load Current
GND < VI < VCC
–1
+1
–1+1
–1+1
µA
IOZ
Output Leakage
Current
GND < VI < VCC,
Output Disabled
–5
+5
–5+5
–5+5
µA
IOS
Output Short
Circuit Current[3]
VCC = Max.,
VOUT = GND
–300
–300
–300
mA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
195
185
155
mA
ISB1
Automatic CE
Power-Down Current
— TTL Inputs
Max. VCC, CE1 > VIH
or CE2 < VIL,
VIN > VIH or
VIN < VIL, f = fMAX
45
45
40
mA
ISB2
Automatic CE
Power-Down Current
— CMOS Inputs
Max. VCC,
CE1 > VCC – 0.3V,
or CE2 < 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f=0
10
10
10
mA
L
22
2
Shaded areas contain preliminary information.


Similar Part No. - CY7C109-20ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C109B CYPRESS-CY7C109B Datasheet
196Kb / 12P
   128K x 8 Static RAM
CY7C109B-12VC CYPRESS-CY7C109B-12VC Datasheet
196Kb / 12P
   128K x 8 Static RAM
CY7C109B-12VC CYPRESS-CY7C109B-12VC Datasheet
380Kb / 10P
   128K x 8 Static RAM
CY7C109B-12ZC CYPRESS-CY7C109B-12ZC Datasheet
196Kb / 12P
   128K x 8 Static RAM
CY7C109B-12ZC CYPRESS-CY7C109B-12ZC Datasheet
380Kb / 10P
   128K x 8 Static RAM
More results

Similar Description - CY7C109-20ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com