Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGP01N120H2 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IGP01N120H2
Description  HighSpeed 2-Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGP01N120H2 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IGP01N120H2 Datasheet HTML 1Page - Infineon Technologies AG IGP01N120H2 Datasheet HTML 2Page - Infineon Technologies AG IGP01N120H2 Datasheet HTML 3Page - Infineon Technologies AG IGP01N120H2 Datasheet HTML 4Page - Infineon Technologies AG IGP01N120H2 Datasheet HTML 5Page - Infineon Technologies AG IGP01N120H2 Datasheet HTML 6Page - Infineon Technologies AG IGP01N120H2 Datasheet HTML 7Page - Infineon Technologies AG IGP01N120H2 Datasheet HTML 8Page - Infineon Technologies AG IGP01N120H2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IGP01N120H2,
IGB01N120H2
IGD01N120H2
Power Semiconductors
2
Rev. 2, Mar-04
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
IGBT thermal resistance,
junction – case
R th JC
4.5
Thermal resistance,
junction – ambient
R th JA
P-TO-220-3-1
62
SMD version, device on PCB
1)
R th JA
P-TO-263 (D
2PAK)
40
K/W
Electrical Characteristic,
at Tj = 25
°C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Static Characteristic
Collector-emitter breakdown voltage
V (BR )C ES V GE=0V, IC=300
µA
1200
-
-
Collector-emitter saturation voltage
V CE(sat )
V GE = 15V, IC =1A
T j=25
°C
T j=150
°C
V GE = 10V, IC =1A,
T j=25
°C
-
-
-
2.2
2.5
2.4
2.8
-
-
Gate-emitter threshold voltage
V GE(th )
I C =30
µA,VCE=VGE
2.1
3
3.9
V
Zero gate voltage collector current
I CES
V CE= 1200V, V GE=0V
T j=25
°C
T j=150
°C
-
-
-
-
20
80
µA
Gate-emitter leakage current
I GES
V CE=0V ,V GE =20V
-
-
40
nA
Transconductance
g fs
V CE= 20V, IC=1A
-
0.75
-
S
Dynamic Characteristic
Input capacitance
C is s
-
91.6
-
Output capacitance
C oss
-
9.8
-
Reverse transfer capacitance
C rss
V CE= 25V,
V GE=0V,
f
=1MHz
-
3.4
-
pF
Gate charge
Q Ga te
V CC=960V, IC =1A
V GE=15V
-
8.6
-
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
L E
P-TO-220-3-1
P-TO-247-3-1
-
7
13
-
nH
1) Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70µm thick) copper area for
collector connection. PCB is vertical without blown air.


Similar Part No. - IGP01N120H2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP01N120H2 INFINEON-IGP01N120H2 Datasheet
912Kb / 13P
   HighSpeed 2-Technology
Rev. 2.4 Sept. 07
IGP01N120H2 INFINEON-IGP01N120H2_07 Datasheet
912Kb / 13P
   HighSpeed 2-Technology
Rev. 2.4 Sept. 07
More results

Similar Description - IGP01N120H2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB01N120H2 INFINEON-IGB01N120H2_07 Datasheet
1Mb / 12P
   HighSpeed 2-Technology
Rev. 2.4 Oct. 07
IGP03N120H2 INFINEON-IGP03N120H2_08 Datasheet
346Kb / 13P
   HighSpeed 2-Technology
Rev. 2.6 Febr. 08
IGW03N120H2 INFINEON-IGW03N120H2 Datasheet
397Kb / 13P
   HighSpeed 2-Technology
Rev. 2, Mar-04
IGP01N120H2 INFINEON-IGP01N120H2_07 Datasheet
912Kb / 13P
   HighSpeed 2-Technology
Rev. 2.4 Sept. 07
IGA03N120H2 INFINEON-IGA03N120H2 Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
logo
TE Connectivity Ltd
114-94706 TEC-114-94706 Datasheet
1Mb / 26P
   DT Highspeed DT Highspeed
07 MAR 2023 Rev. B
logo
Infineon Technologies A...
IKP03N120H2 INFINEON-IKP03N120H2 Datasheet
431Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2, Mar-04
IKP03N120H2 INFINEON-IKP03N120H2_08 Datasheet
381Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.5 Sept. 08
IKB01N120H2 INFINEON-IKB01N120H2 Datasheet
385Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKA03N120H2 INFINEON-IKA03N120H2 Datasheet
335Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Mar-04, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com