Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C1665-35K Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC41C1665-35K
Description  64K x16 bit Dynamic RAM with Fast Page Mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C1665-35K Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC41C1665-35K Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C1665-35K Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C1665-35K Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C1665-35K Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C1665-35K Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C1665-35K Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C1665-35K Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41C1665-35K Datasheet HTML 11Page - Integrated Circuit Solution Inc IC41C1665-35K Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
IC41C1665
IC41LV1665
8
Integrated Circuit Solution Inc.
DR031-0A 10/17/2001
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-25
-30
-35
-40
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Units
tRC
Random READ or WRITE Cycle Time
43
55
—65
75
ns
tRAC
Access Time from
RAS(6,7)
—25
30
—35
40
ns
tCAC
Access Time from
CAS(6,8,15)
—8
9
—10
11
ns
tAA
Access Time from Column-Address(6)
—12
16
—18
20
ns
tRAS
RAS Pulse Width
25
10k
30
10K
35
10K
40
10K
ns
tRP
RAS Precharge Time
15
20
23
25
ns
tCAS
CAS Pulse Width(26)
4
10k
9
10K
10
10K
11
10K
ns
tCP
CAS Precharge Time(9,25)
4
5
6
7
ns
tCSH
CAS Hold Time (21)
21
30
35
40
ns
tRCD
RAS to CAS Delay Time(10,20)
10
17
10
21
10
25
10
29
ns
tASR
Row-Address Setup Time
0
0
0
0
ns
tRAH
Row-Address Hold Time
5
5
5
5
ns
tASC
Column-Address Setup Time(20)
0
0
0
0
ns
tCAH
Column-Address Hold Time(20)
5
5
5
5
ns
tAR
Column-Address Hold Time
22
26
30
34
ns
(referenced to
RAS)
tRAD
RAS to Column-Address Delay Time(11)
813
8
14
817
8
20
ns
tRAL
Column-Address to
RAS Lead Time
12
16
18
20
ns
tRPC
RAS to CAS Precharge Time
10
10
—10
10
ns
tRSH
RAS Hold Time(27)
8
9
10
11
ns
tCLZ
CAS to Output in Low-Z(15,29)
3
3
3
3
ns
tCRP
CAS to RAS Precharge Time(21)
5
5
5
5
ns
tOD
Output Disable Time(19, 28, 29)
6
8
8
8ns
tOE
Output Enable Time(15, 16)
8
9
10
11
ns
tOES
OE LOW to CAS HIGH Setup Time
5
5
5
5
ns
tRCS
Read Command Setup Time(17, 20)
0
0
0
0
ns
tRRH
Read Command Hold Time
0
0
0
0
ns
(referenced to
RAS)(12)
tRCH
Read Command Hold Time
0
0
0
0
ns
(referenced to
CAS)(12,17,21)
tWCH
Write Command Hold Time(17,27)
5
5
5
5
ns
tWCR
Write Command Hold Time
22
26
30
34
ns
(referenced to
RAS)(17)
tWP
Write Command Pulse Width(17)
5
5
5
5
ns
tRWL
Write Command to
RAS Lead Time(17)
7
8
9
10
ns
tCWL
Write Command to
CAS Lead Time(17,21)
5
6
7
8
ns
tWCS
Write Command Setup Time(14, 17, 20)
0
0
0
0
ns
tDHR
Data-in Hold Time (referenced to
RAS)22
26
30
34
ns
(Continued)


Similar Part No. - IC41C1665-35K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C1664-25K ICSI-IC41C1664-25K Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C1664-25KI ICSI-IC41C1664-25KI Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C1664-25T ICSI-IC41C1664-25T Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C1664-25TI ICSI-IC41C1664-25TI Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IC41C1665-35K

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4164B SAMSUNG-KM4164B Datasheet
653Kb / 11P
   64K X 1 BIT DYNAMIC RAM WITH PAGE MODE
KM41464A SAMSUNG-KM41464A Datasheet
775Kb / 12P
   64K X 4 BIT DYNAMIC RAM WITH PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A416316B AMICC-A416316B Datasheet
418Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41SV4105 ICSI-IC41SV4105 Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV44052 ICSI-IC41SV44052 Datasheet
298Kb / 17P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C44054 ICSI-IC41C44054 Datasheet
309Kb / 18P
   4Mx4 bit Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com