Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C109-15ZC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C109-15ZC
Description  128K x 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C109-15ZC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C109-15ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C109-15ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C109-15ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C109-15ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C109-15ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C109-15ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C109-15ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C109-15ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C109-15ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY7C109
CY7C1009
Document #: 38-05032 Rev. **
Page 5 of 12
Switching Characteristics[3, 5] Over the Operating Range
Parameter
Description
7C109-20
7C1009-20
7C109-25
7C1009-25
7C109-35
7C1009-35
Unit
Min.
Max.
Min.
Max.
Min.
Min.
READ CYCLE
tRC
Read Cycle Time
20
25
35
ns
tAA
Address to Data Valid
20
25
35
ns
tOHA
Data Hold from Address Change
3
5
5
ns
tACE
CE1 LOW to Data Valid, CE2 HIGH to Data
Valid
20
25
35
ns
tDOE
OE LOW to Data Valid
8
10
15
ns
tLZOE
OE LOW to Low Z
0
0
0
ns
tHZOE
OE HIGH to High Z[6, 7]
810
15
ns
tLZCE
CE1 LOW to Low Z, CE2 HIGH to Low Z
[7]
355
ns
tHZCE
CE1 HIGH to High Z, CE2 LOW to High Z
[6, 7]
810
15
ns
tPU
CE1 LOW to Power-Up, CE2 HIGH to
Power-Up
000
ns
tPD
CE1 HIGH to Power-Down, CE2 LOW to
Power-Down
20
25
35
ns
WRITE CYCLE[8]
tWC
Write Cycle Time
20
25
35
ns
tSCE
CE1 LOW to Write End, CE2 HIGH to Write End
152025
ns
tAW
Address Set-Up to Write End
15
20
25
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Set-Up to Write Start
0
0
0
ns
tPWE
WE Pulse Width
121520
ns
tSD
Data Set-Up to Write End
10
15
20
ns
tHD
Data Hold from Write End
0
0
0
ns
tLZWE
WE HIGH to Low Z[7]
355
ns
tHZWE
WE LOW to High Z[6, 7]
810
15
ns
Data Retention Characteristics Over the Operating Range (L Version Only)
Parameter
Description
Conditions
Min.
Max
Unit
VDR
VCC for Data Retention
No input may exceed VCC + 0.5V
VCC = VDR = 2.0V,
CE1 > VCC – 0.3V or CE2 < 0.3V,
VIN > VCC – 0.3V or VIN < 0.3V
2.0
V
ICCDR
Data Retention Current
50
µA
tCDR
Chip Deselect to Data Retention Time
0
ns
tR
Operation Recovery Time
tRC
ns
Shaded areas contain preliminary information.


Similar Part No. - CY7C109-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C109B CYPRESS-CY7C109B Datasheet
196Kb / 12P
   128K x 8 Static RAM
CY7C109B-12VC CYPRESS-CY7C109B-12VC Datasheet
196Kb / 12P
   128K x 8 Static RAM
CY7C109B-12VC CYPRESS-CY7C109B-12VC Datasheet
380Kb / 10P
   128K x 8 Static RAM
CY7C109B-12ZC CYPRESS-CY7C109B-12ZC Datasheet
196Kb / 12P
   128K x 8 Static RAM
CY7C109B-12ZC CYPRESS-CY7C109B-12ZC Datasheet
380Kb / 10P
   128K x 8 Static RAM
More results

Similar Description - CY7C109-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com