Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NANO908-NB1AN Datasheet(PDF) 18 Page - Nuvoton Technology Corporation

Part # NANO908-NB1AN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NANO908-NB1AN Datasheet(HTML) 18 Page - Nuvoton Technology Corporation

Back Button NANO908-NB1AN Datasheet HTML 14Page - Nuvoton Technology Corporation NANO908-NB1AN Datasheet HTML 15Page - Nuvoton Technology Corporation NANO908-NB1AN Datasheet HTML 16Page - Nuvoton Technology Corporation NANO908-NB1AN Datasheet HTML 17Page - Nuvoton Technology Corporation NANO908-NB1AN Datasheet HTML 18Page - Nuvoton Technology Corporation NANO908-NB1AN Datasheet HTML 19Page - Nuvoton Technology Corporation NANO908-NB1AN Datasheet HTML 20Page - Nuvoton Technology Corporation NANO908-NB1AN Datasheet HTML 21Page - Nuvoton Technology Corporation NANO908-NB1AN Datasheet HTML 22Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 160 page
background image
NUMICRO® NANO100 (B) DATASHEET
May 31, 2016
Page 18 of 160
Revision 1.08
Wake system up from Power-down mode
Window Watchdog Timer(WWDT)
6-bit down counter and 6-bit compare value to make the window period flexible
Selectable WWDT clock pre-scale counter to make WWDT time-out interval
variable.
RTC
Supports software compensation by setting frequency compensate register
(FCR)
Supports RTC counter (second, minute, hour) and calendar counter (day,
month, year)
Supports Alarm registers (second, minute, hour, day, month, year)
Selectable 12-hour or 24-hour mode
Automatic leap year recognition
Supports periodic time tick interrupt with 8 periodic options 1/128, 1/64, 1/32,
1/16, 1/8, 1/4, 1/2 and 1 second
Wake system up from Power-down mode
Supports 80 bytes spare registers and a snoop pin to clear the content of these
spare registers
PWM/Capture
Supports 2 PWM modules, each has two 16-bit PWM generators
Provides eight PWM outputs or four complementary paired PWM outputs
Each PWM generator equipped with one clock divider, one 8-bit prescaler, two
clock selectors, and one Dead-zone generator for complementary paired PWM
(Shared with PWM timers) with eight 16-bit digital capture timers provides eight
rising/ falling/both capture inputs.
Supports Capture interrupt
UART
Up to two 16-byte FIFO UART controllers
UART ports with flow control (TX, RX, CTSn and RTSn)
Supports IrDA (SIR) function
Supports LIN function
Supports RS-485 9 bit mode and direction control (Low Density Only)
Programmable baud rate generator
Supports PDMA mode
Wake system up from Power-down mode
SPI
Up to three sets of SPI controller
Master up to 32 MHz, and Slave up to 16 MHz
Supports SPI/MICROWIRE Master/Slave mode
Full duplex synchronous serial data transfer


Similar Part No. - NANO908-NB1AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NANO908LA0AN NUVOTON-NANO908LA0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA1AN NUVOTON-NANO908LA1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA2AN NUVOTON-NANO908LA2AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB0AN NUVOTON-NANO908LB0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB1AN NUVOTON-NANO908LB1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Similar Description - NANO908-NB1AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC100 NUVOTON-NUC100_15 Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com