Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41LV1665 Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC41LV1665
Description  64K x16 bit Dynamic RAM with Fast Page Mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV1665 Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC41LV1665 Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41LV1665 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV1665 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV1665 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV1665 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV1665 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV1665 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV1665 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV1665 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
IC41C1665
IC41LV1665
Integrated Circuit Solution Inc.
5
DR031-0A 10/17/2001
FUNCTIONAL DESCRIPTION
The IC41C1665 and the IC41LV1665 are CMOS DRAMs
optimized for high-speed bandwidth, low-power applications.
During READ or WRITE cycles, each bit is uniquely
addressed through the 16 address bits. These are entered
nine bits (A0-A7) at a time. The row address is latched by the
Row Address Strobe (
RAS). The column address is latched
by the Column Address Strobe (
CAS). RAS is used to latch
the first eight bits and
CAS is used to latch the latter eight
bits.
The IC41C1665 and the IC41LV1665 have two
CAS controls,
LCAS and UCAS. The LCAS and UCAS inputs internally
generate a
CAS signal functioning in an identical manner to
the single
CAS input on the other 64K x 16 DRAMs. The key
difference is that each
CAS controls its corresponding I/O
tristate logic (in conjunction with
OE and WE and RAS).
LCAS controls
I/O0 - I/O7 and
UCAS controls I/O8 - I/O15.
The IC41C1665/IC41LV1665
CAS function is determined by
the first
CAS (LCAS or UCAS) transitioning LOW and the last
transitioning back HIGH. The two
CAS controls give the
IC41C1665 both BYTE READ and BYTE WRITE cycle
capabilities.
Memory Cycle
A memory cycle is initiated by bringing
RAS LOW and it is
terminated by returning both
RAS and CAS HIGH. To
ensure proper device operation and data integrity any
memory cycle, once initiated, must not be ended or aborted
before the minimum tRAS time has expired. A new cycle must
not be initiated until the minimum precharge time tRP, tCP has
elapsed.
Read Cycle
A read cycle is initiated by the falling edge of
CAS or OE,
whichever occurs last, while holding
WE HIGH. The column
address must be held for a minimum time specified by tAR.
Data Out becomes valid only when tRAC, tAA, tCAC and tOE are
all satisfied. As a result, the access time is dependent on the
timing relationships between these parameters.
Write Cycle
A write cycle is initiated by the falling edge of
CAS and WE,
whichever occurs last. The input data must be valid at or
before the falling edge of
CAS or WE, whichever occurs last.
Refresh Cycle
To retain data, 256 refresh cycles are required in each
4 ms period. There are two ways to refresh the memory:
1. By clocking each of the 256 row addresses (A0 through
A7) with
RAS at least once every 4 ms. Any read, write,
read-modify-write or
RAS-only cycle refreshes the ad-
dressed row.
2. Using a
CAS-before-RAS refresh cycle. CAS-before-RAS
refresh is activated by the falling edge of
RAS, while
holding
CAS LOW. In CAS-before-RAS refresh cycle, an
internal 8-bit counter provides the row addresses and the
external address inputs are ignored.
CAS-before-RAS is a refresh-only mode and no data access
or device selection is allowed. Thus, the output remains in
the High-Z state during the cycle.
Power-On
After application of the VCC supply, an initial pause of
200 µs is required followed by a minimum of eight initialization
cycles (any combination of cycles containing a
RAS signal).
During power-on, it is recommended that
RAS track with VCC
or be held at a valid VIH to avoid current surges.


Similar Part No. - IC41LV1665

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV1664 ICSI-IC41LV1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41LV1664-30K ICSI-IC41LV1664-30K Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41LV1664-30T ICSI-IC41LV1664-30T Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41LV1664-35K ICSI-IC41LV1664-35K Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41LV1664-35KI ICSI-IC41LV1664-35KI Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IC41LV1665

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4164B SAMSUNG-KM4164B Datasheet
653Kb / 11P
   64K X 1 BIT DYNAMIC RAM WITH PAGE MODE
KM41464A SAMSUNG-KM41464A Datasheet
775Kb / 12P
   64K X 4 BIT DYNAMIC RAM WITH PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A416316B AMICC-A416316B Datasheet
418Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41SV4105 ICSI-IC41SV4105 Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV44052 ICSI-IC41SV44052 Datasheet
298Kb / 17P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C44054 ICSI-IC41C44054 Datasheet
309Kb / 18P
   4Mx4 bit Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com