Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7314 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX7314
Description  18-Port GPIO with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7314 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX7314 Datasheet HTML 8Page - Maxim Integrated Products MAX7314 Datasheet HTML 9Page - Maxim Integrated Products MAX7314 Datasheet HTML 10Page - Maxim Integrated Products MAX7314 Datasheet HTML 11Page - Maxim Integrated Products MAX7314 Datasheet HTML 12Page - Maxim Integrated Products MAX7314 Datasheet HTML 13Page - Maxim Integrated Products MAX7314 Datasheet HTML 14Page - Maxim Integrated Products MAX7314 Datasheet HTML 15Page - Maxim Integrated Products MAX7314 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Transition Detection
All ports configured as inputs are always monitored for
changes in their logic status. The action of reading an
input ports register or writing to the configuration regis-
ter samples the corresponding 8 port bits’ input condi-
tion (Tables 4, 6). This sample is continuously
compared with the actual input conditions. A detected
change in input condition causes an interrupt condition.
The interrupt is cleared either automatically if the
changed input returns to its original state, or when the
appropriate input ports register is read, updating the
compared data (Figure 10). Randomly changing a port
from an output to an input may cause a false interrupt
to occur if the state of the input does not match the
content of the appropriate input ports register. The
interrupt status is available as the interrupt flag INT in
the configuration register (Table 4).
The input status of all ports is sampled immediately
after power-up as part of the MAX7314’s internal initial-
ization, so if all the ports are pulled to valid logic levels
at that time, an interrupt does not occur at power-up.
INT/O16 Output
The INT/O16 output pin can be configured as either the
INT output that reflects the interrupt flag logic state or as
a general-purpose output O16. When used as a general-
purpose output, the INT/O16 pin has the same blink and
PWM intensity control capabilities as the other ports.
Set the interrupt enable I bit in the configuration register
to configure INT/O16 as the INT output (Table 4). Clear
interrupt enable to configure INT/O16 as the O16. The
O16 logic state is set by the 2 bits O1 and O0 in the
configuration register. O16 follows the rules for blinking
selected by the blink enable flag E in the configuration
register. If blinking is disabled, then interrupt output
control O0 alone sets the logic state of the INT/O16 pin.
If blinking is enabled, then both interrupt output con-
trols O0 and O1 set the logic state of the INT/O16 pin
according to the blink phase. PWM intensity control for
O16 is set by the 4 global intensity bits in the master
and O16 intensity register (Table 13).
18-Port GPIO with LED Intensity Control,
Interrupt, and Hot-Insertion Protection
12
______________________________________________________________________________________
Table 3. Power-Up Configuration
REGISTER DATA
REGISTER FUNCTION
POWER-UP CONDITION
ADDRESS
CODE
(hex)
D7
D6
D5
D4
D3
D2
D1
D0
Blink phase 0 outputs P7–P0
High-impedance outputs
0x02
1
1
1
1
1
1
1
1
Blink phase 0 outputs P15–P8
High-impedance outputs
0x03
1
1
1
1
1
1
1
1
Ports configuration P7–P0
Ports P7–P0 are inputs
0x06
1
1
1
1
1
1
1
1
Ports configuration P15–P8
Ports P15–P8 are inputs
0x07
1
1
1
1
1
1
1
1
Blink phase 1 outputs P7–P0
High-impedance outputs
0x0A
1
1
1
1
1
1
1
1
Blink phase 1 outputs P15–P8
High-impedance outputs
0x0B
1
1
1
1
1
1
1
1
Master, O16 intensity
PWM oscillator is disabled;
O16 is static logic output
0x0E
0
0
0
0
1
1
1
1
Configuration
INT/O16 is interrupt output;
blink is disabled;
global intensity is enabled
0x0F
0
0
0
0
1
1
0
0
Outputs intensity P1, P0
P1, P0 are static logic outputs
0x10
1
1
1
1
1
1
1
1
Outputs Intensity P3, P2
P3, P2 are static logic outputs
0x11
1
1
1
1
1
1
1
1
Outputs intensity P5, P4
P5, P4 are static logic outputs
0x12
1
1
1
1
1
1
1
1
Outputs intensity P7, P6
P7, P6 are static logic outputs
0x13
1
1
1
1
1
1
1
1
Outputs intensity P9, P8
P9, P8 are static logic outputs
0x14
1
1
1
1
1
1
1
1
Outputs intensity P11, P10
P11, P10 are static logic outputs
0x15
1
1
1
1
1
1
1
1
Outputs intensity P13, P12
P13, P12 are static logic outputs
0x16
1
1
1
1
1
1
1
1
Outputs intensity P15, P14
P15, P14 are static logic outputs
0x17
1
1
1
1
1
1
1
1


Similar Part No. - MAX7314

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX731-MAX752 MAXIM-MAX731-MAX752 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX7310 MAXIM-MAX7310 Datasheet
316Kb / 15P
   2-Wire-Interfaced 8-Bit I/O Port Expander with Reset
Rev 3; 2/05
MAX7310AEE MAXIM-MAX7310AEE Datasheet
316Kb / 15P
   2-Wire-Interfaced 8-Bit I/O Port Expander with Reset
Rev 3; 2/05
MAX7310ATE MAXIM-MAX7310ATE Datasheet
316Kb / 15P
   2-Wire-Interfaced 8-Bit I/O Port Expander with Reset
Rev 3; 2/05
More results

Similar Description - MAX7314

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX6965 MAXIM-MAX6965 Datasheet
326Kb / 22P
   9-Output LED Driver with Intensity Control and Hot-Insertion Protection
Rev 3; 3/05
MAX6964 MAXIM-MAX6964_05 Datasheet
380Kb / 23P
   17-Output LED Driver/GPO with Intensity Control and Hot-Insertion Protection
Rev 3; 3/05
MAX7316 MAXIM-MAX7316 Datasheet
284Kb / 25P
   10-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7315 MAXIM-MAX7315 Datasheet
448Kb / 27P
   8-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7312 MAXIM-MAX7312_V01 Datasheet
296Kb / 16P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
2005
MAX7312 MAXIM-MAX7312 Datasheet
373Kb / 17P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
19-3057; Rev 0; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com