Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128BLL-70SXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62128BLL-70SXC
Description  128K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128BLL-70SXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62128BLL-70SXC Datasheet HTML 1Page - Cypress Semiconductor CY62128BLL-70SXC Datasheet HTML 2Page - Cypress Semiconductor CY62128BLL-70SXC Datasheet HTML 3Page - Cypress Semiconductor CY62128BLL-70SXC Datasheet HTML 4Page - Cypress Semiconductor CY62128BLL-70SXC Datasheet HTML 5Page - Cypress Semiconductor CY62128BLL-70SXC Datasheet HTML 6Page - Cypress Semiconductor CY62128BLL-70SXC Datasheet HTML 7Page - Cypress Semiconductor CY62128BLL-70SXC Datasheet HTML 8Page - Cypress Semiconductor CY62128BLL-70SXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY62128B
MoBL
Document #: 38-05300 Rev. *C
Page 2 of 11
Pin Configurations
Product Portfolio
Product
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating, ICC
(mA)
Standby, ISB2
(
µA)
Min.
Typ.[2]
Max.
Typ.[2]
Max.
Typ.[2]
Max.
CY62128BLL
Industrial
4.5
5.0
5.5
55
7.5
20
2.5
15
Industrial
70
6
15
2.5
15
Automotive
70
6
25
2.5
25
Pin Definitions
Input
A0-A16. Address Inputs
Input/Output
I/O0-I/O7. Data lines. Used as input or output lines depending on operation
Input/Control
WE. Write Enable, Active LOW. When selected LOW, a WRITE is conducted. When selected HIGH, a READ
is conducted.
Input/Control
CE1. Chip Enable 1, Active LOW.
Input/Control
CE2. Chip Enable 2, Active HIGH.
Input/Control
OE. Output Enable, Active LOW. Controls the direction of the I/O pins. When LOW, the I/O pins behave as
outputs. When deasserted HIGH, I/O pins are three-stated, and act as input data pins
Ground
GND. Ground for the device
Power Supply
VCC. Power supply for the device
Notes:
2. Typical values are included for reference only and are not tested or guaranteed. Typical values are an average of the distribution across normal production
variations as measured at VCC = 5.0V, TA = 25°C, and tAA = 70 ns.
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
Top View
12
13
29
32
31
30
16
15
17
18
A16
A14
A12
A7
A6
A5
A4
A3
WE
VCC
A15
A13
A8
A9
I/O7
I/O6
I/O5
I/O4
A2
NC
I/O0
I/O1
I/O2
CE1
OE
A10
I/O3
A1
A0
A11
CE2
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
TSOP I
Top View
(not to scale)
1
6
2
3
4
5
7
32
27
31
30
29
28
26
21
25
24
23
22
19
20
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O0
CE1
A11
A5
17
18
8
9
10
11
12
13
14
15
16
CE2
A15
NC
A10
I/O3
A1
A0
A3
A2
SOIC
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
Reverse TSOP I
1
6
2
3
4
5
7
32
27
31
30
29
28
26
21
25
24
23
22
19
20
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
17
18
8
9
10
11
12
13
14
15
16
CE2
A15
NC
A10
I/O3
A1
A0
A3
A2
(not to scale)
Top View
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
STSOP
Top View
(not to scale)
25
30
26
27
28
29
31
24
19
23
22
21
20
18
13
17
16
15
14
11
12
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
9
10
32
1
2
3
4
5
6
7
8
CE2
A15
NC
A10
I/O3
A1
A0
A3
A2
25
GN
gnc
G
gGND
I/O6


Similar Part No. - CY62128BLL-70SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SC CYPRESS-CY62128BNLL-55SC Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SC CYPRESS-CY62128BNLL-55SC Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SI CYPRESS-CY62128BNLL-55SI Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128BLL-70SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com